SVB-160-R/K
AI

The **SVB-160-R/K** is a high-performance **Step-Variable Optical Attenuator (SVB Series)** manufactured by Santec. This device is primarily used in fiber optic communication systems to precisely control signal strength without distorting the signal wave.
---
### 1. Key Technical Specifications
The "R/K" designation typically refers to specific connector types and wavelength ranges. Below are the standard electronic and optical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Wavelength Range** | 1260nm to 1650nm (Covers O, E, S, C, L bands) |
| **Attenuation Range** | 0 to 60 dB |
| **Step Resolution** | 0.05 dB or 0.1 dB (Model dependent) |
| **Insertion Loss** | < 1.0 dB (Typical) |
| **Return Loss** | > 45 dB |
| **Interface** | RS-232C or GP-IB (General Purpose Interface Bus) |
---
### 2. Internal Electronic Components
The device functions through a combination of precision mechanics and electronic control circuits:
* **Microprocessor Control Unit (MCU):** The "brain" of the unit that processes commands from the RS-232/GPIB interface and translates them into precise movements.
* **Stepper Motor Driver:** Drives a high-precision stepper motor that moves a neutral density (ND) filter or a sliding optical shutter across the light path.
* **Optical Encoder:** Provides feedback to the electronics to ensure the physical position of the filter matches the requested attenuation (dB) setting.
* **Power Supply Module:** Typically requires a standard DC input or AC adapter to power the logic boards and the motor.
---
### 3. Connection & Integration
The device is usually integrated into automated test environments (ATE) using software commands.
#### Example Command Structure (SCPI-like)
```bash
# Example pseudo-code for setting attenuation via RS-232
SET:ATT 10.50 # Sets the attenuation to 10.50 dB
READ:ATT? # Queries the current attenuation level
```
---
### 4. Common Applications
1. **Bit Error Rate (BER) Testing:** Simulating signal loss over long distances to see when a receiver fails.
2. **Receiver Sensitivity Testing:** Gradually increasing attenuation until the optical receiver can no longer detect the signal.
3. **Optical Power Balancing:** Adjusting different channels in a DWDM system to ensure equal power levels.
- ⤷
What is the difference between the R and K suffix in this model number?
- ⤷ How do I calibrate the SVB-160 for a specific wavelength?
- ⤷ Does this model support remote control via Ethernet (LXI)?