SVB-168W-R/CE
AI

The **SVB-168W-R/CE** is an industrial-grade **Human Machine Interface (HMI)** or Industrial PC (IPC) component, typically categorized under visualization and control hardware. It is often used in automation environments to monitor and manage machinery.
Below is a breakdown of its technical specifications and electronic architecture.
---
### 1. Key Technical Specifications
| Feature | Specification Details |
| :--- | :--- |
| **Display Type** | TFT LCD Touchscreen |
| **Screen Size** | Approximately 15 - 17 inches (Standard for 168 series) |
| **Input Voltage** | 24V DC (Typical for industrial applications) |
| **Cooling System** | Fanless Design (Heat dissipation via chassis) |
| **Communication Ports** | RS-232, RS-485, Ethernet (RJ45), and USB |
| **Compliance** | CE (Conformitè Europëenne) Certified |
---
### 2. Core Electronic Components
The device is composed of several critical sub-systems that allow it to function in harsh environments:
#### A. Processing Unit (CPU & RAM)
The "W" in the model often signifies a **Windows-based** or **Wide-screen** architecture. It typically utilizes an Intel Atom or Celeron processor designed for low power consumption and low heat generation, paired with industrial-grade DDR3/DDR4 SO-DIMM RAM.
#### B. The Display Module
* **Backlight:** Uses LED backlighting for longevity and vibration resistance.
* **Touch Controller:** Features a resistive or capacitive touch overlay connected via an internal USB or I2C interface to the mainboard.
#### C. Power Management Circuitry
Designed to handle "dirty" industrial power. It includes:
* **Optoisolators:** To protect internal logic from external voltage spikes.
* **Voltage Regulators:** Converts 24V DC input into stable 5V and 3.3V rails for the integrated circuits.
#### D. Connectivity & I/O
The "R" in the suffix usually denotes specific **Relay** outputs or **RS-type** serial communication enhancements.
* **Ethernet Controller:** Provides 10/100/1000 Mbps networking for PLC communication (Profinet, EtherCAT, Modbus TCP).
* **Storage:** Usually utilizes an mSATA or CFast card rather than a traditional HDD to prevent failure from mechanical vibration.
---
### 3. Usage Context
This part is frequently integrated into:
1. **CNC Machine Control:** Serving as the primary interface for operators.
2. **SCADA Systems:** Monitoring real-time data from sensors.
3. **Cleanroom Environments:** Due to the fanless design which prevents dust circulation.
- ⤷
What are the specific mounting dimensions for the SVB-168W-R/CE?
- ⤷ Which operating systems are compatible with this hardware?
- ⤷ Does this model support Modbus RTU communication directly?