SVB-40-R/K
AI

The **SVB-40-R/K** is a specific model within the series of safety switch-disconnectors (often associated with the **Eaton / Moeller** product line). These components are critical for industrial automation and power distribution, designed to manually isolate electrical circuits for maintenance or emergency stops.
---
### Technical Specifications
The SVB-40-R/K typically falls under the **Vario** or **P-Series** switch categories. Below are the core electronic and mechanical parameters:
| Feature | Specification Details |
| :--- | :--- |
| **Type** | Main Switch / Emergency-Stop Switch |
| **Rated Operational Current ($I_e$)** | 40 Amperes |
| **Rated Voltage ($U_e$)** | 690 V AC |
| **Number of Poles** | 3-Pole (Standard) |
| **Handle Color** | Red (R) with Yellow Locking Collar (K) |
| **IP Rating** | IP65 (Front side protection against dust/water) |
| **Mounting Type** | Rear mounting / Door coupling |
---
### Key Electronic & Functional Components
#### 1. Contact Elements
The internal contacts are designed for high durability and can handle significant inrush currents. They utilize a "Positive Drive" mechanism, ensuring that the contacts physically separate even if they have slightly welded due to a short circuit.
#### 2. The "R/K" Designation
The suffixes provide information on the human-machine interface (HMI) part of the electronic assembly:
* **R (Red):** Indicates the handle is red, signifying an **Emergency Stop** function.
* **K (Lockable):** Indicates the assembly includes a padlockable rotary handle. This is an electronic safety requirement (LOTO - Lock Out Tag Out) to prevent accidental re-energizing of the circuit.
#### 3. Auxiliary Contacts (Optional)
While the base unit is a 3-pole power switch, it often supports the addition of **Auxiliary Contacts**:
* **NO (Normally Open):** Used for signaling a PLC that the switch is active.
* **NC (Normally Closed):** Used for safety interlocking or monitoring.
---
### Wiring Logic Example
In a typical industrial setup, the SVB-40-R/K is wired between the main power supply and a motor controller.
```mermaid
graph LR
A[Main Power 400V] --> B{SVB-40-R/K Switch}
B --> C[Motor Starter/Inverter]
C --> D[Industrial Motor]
```
### Safety Compliance
The electronic design adheres to international safety standards:
* **IEC/EN 60947-3:** Low-voltage switchgear and controlgear.
* **VDE 0660:** German standard for power switchgear.
* **UL/CSA:** If the specific variant is North American rated.
---
- ⤷
What are the specific mounting dimensions for the SVB-40-R/K?
- ⤷ Can auxiliary contacts be retrofitted to this specific model?
- ⤷ What is the maximum short-circuit rating for the 40A version?