SVB-5FW-R/K
AI

The **SVB-5FW-R/K** is a specific model within the series of high-performance **Signal Relays** manufactured by **Sanyou** or similar specialized relay manufacturers. These are frequently used in telecommunications, security systems, and medical equipment.
---
### 1. Technical Specifications
Below are the primary electrical and physical parameters for the SVB-5FW-R/K:
| Parameter | Specification |
| :--- | :--- |
| **Contact Form** | 1 Form C (SPDT - Single Pole Double Throw) |
| **Nominal Coil Voltage** | 5V DC |
| **Max Switching Voltage** | 250VAC / 30VDC |
| **Max Switching Current** | 1A to 2A (Typical for signal class) |
| **Coil Power Consumption** | Approx. 150mW to 200mW (Sensitive type) |
| **Dielectric Strength** | 1,000VAC (between open contacts) |
| **Terminal Type** | PCB Mounting (Through-hole) |
---
### 2. Breakdown of the Model Code
The alphanumeric suffix provides details on the internal construction and materials:
* **SVB**: Series designation (Subminiature Signal Relay).
* **5**: Indicates the **Nominal Coil Voltage** (5 Volts DC).
* **FW**: Often indicates the sealing type (e.g., Wash-tight/Sealed) and the contact material (often Gold-plated Silver alloy).
* **R/K**:
* **R**: Generally refers to the packaging type (Reel) or a specific ROHS compliance marker.
* **K**: Frequently denotes a "High Sensitivity" coil or a specific pin layout variation.
---
### 3. Key Electronic Components & Materials
* **The Coil:** A copper wire winding around a core. When 5V is applied, it creates an electromagnetic field to move the armature.
* **Contacts:** Usually made of **Silver Nickel (AgNi)** or **Silver Cadmium Oxide**, often plated with **Gold**. The gold plating ensures low contact resistance, which is vital for switching low-level signals (dry circuits).
* **The Housing:** Encased in a high-temperature plastic (PBT) that is flame retardant (UL94V-0 rated).
* **Spring Mechanism:** A precision-engineered metallic leaf spring that ensures the "Form C" (changeover) action is crisp and reduces "contact bounce."
---
### 4. Typical Applications
Because of its small footprint and 5V logic-level compatibility, this part is found in:
1. **Modems and Bridges:** For line switching.
2. **PLC Controllers:** Used as an output interface for low-power signals.
3. **Security Panels:** For triggering alarms or sensors.
4. **Test Equipment:** For signal routing in automated test environments.
---
- ⤷
What is the pinout configuration for the SVB-5FW-R/K?
- ⤷ Are there 12V or 24V alternatives in this same series?
- ⤷ How does 'Gold Plating' improve the performance of this signal relay?