SVB-G0-R/Q
AI

Based on the part number provided, this refers to a specific type of **Rotary Actuator/Solenoid Valve Accessory**, typically used in pneumatic and fluid control systems (often associated with brands like SMC or specialized valve manufacturers).
The **SVB** series generally refers to **Solenoid Valve Blocks** or specialized bypass/actuator units. Below is an explanation of the electronic and physical components associated with this part.
### 1. Component Breakdown
The part number structure breaks down into several functional categories:
| Segment | Component Type | Description |
| :--- | :--- | :--- |
| **SVB** | Series Prefix | Solenoid Valve Block / Air-operated valve series. |
| **G0** | Port/Body Size | Indicates the physical dimensions and flow capacity of the valve body. |
| **R** | Operation Type | Often designates a "Right-hand" configuration or a specific Reset mechanism. |
| **Q** | Special Option | Usually indicates a specific electrical connector type (e.g., M12) or Low Power consumption. |
---
### 2. Key Electronic Specifications
While these are primarily mechanical valves, the "Electronic" parts consist of the **Solenoid Coil** and the **Control Interface**.
#### A. Solenoid Actuator
* **Voltage:** Typically available in 24V DC or 110V/220V AC.
* **Power Consumption:** Modern versions (especially with the 'Q' suffix) often feature low-wattage coils (approx. 0.5W to 1.0W) to reduce heat and allow direct control from a PLC (Programmable Logic Controller).
#### B. Connection Interface
The "Q" suffix often refers to the electrical termination:
* **Plug-in Connector:** Simplifies wiring by using a pre-wired socket.
* **LED Indicator:** Most electronic blocks include a small LED to show the excitation state of the coil.
* **Surge Suppressor:** Includes a varistor or diode to protect the control electronics (PLC) from back-EMF voltage spikes when the coil is de-energized.
---
### 3. Technical Parameters Table
| Feature | Standard Specification |
| :--- | :--- |
| **Fluid Type** | Air, Inert Gas, or Vacuum |
| **Operating Pressure** | 0.1 to 1.0 MPa (typical) |
| **Electrical Entry** | Grommet, DIN Terminal, or M12 Connector |
| **Coil Insulation** | Class B (or equivalent) |
| **Duty Cycle** | 100% Continuous Duty |
---
### 4. Common Applications
* **Automated Tool Changers:** Used to control pneumatic clamping.
* **Vacuum Systems:** Operating as a pilot valve for larger vacuum ejectors.
* **Robotic End-Effectors:** Its compact size and low electronic power requirement make it ideal for arm-mounted applications.
- ⤷
What is the specific voltage requirement for your SVB-G0-R/Q unit?
- ⤷ Do you need the pinout diagram for the 'Q' type electrical connector?
- ⤷ Are you troubleshooting a specific failure in the solenoid coil?