Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SVB-GZ-R

  • AI
    The **SVB-GZ-R** generally refers to a specific type of **Control Switch or Main Disconnector Switch**, commonly manufactured by brands like **Eaton (Moeller)**. These devices are used as emergency stop switches or main power switches in industrial control panels. Below is a breakdown of its electronic and mechanical components, specifications, and functions. --- ## 1. Core Component Breakdown | Component | Description | Function | | :--- | :--- | :--- | | **Switch Body** | The internal core mechanism containing the contact blocks. | Manages the actual electrical connection/disconnection. | | **Rotary Handle** | Typically a red/yellow handle for high visibility. | Provides the manual interface to actuate the switch. | | **Shaft Extension** | A metal or plastic rod connecting the handle to the body. | Allows for deep panel mounting (through the door). | | **Contact Blocks** | Silver-alloy or copper contact points. | Conducts current and ensures low resistance when closed. | | **Interlock Mechanism** | Mechanical safety locking system. | Prevents the panel door from opening while the power is ON. | --- ## 2. Technical Specifications These parts are designed to handle high-voltage industrial loads. Typical specifications for the SVB series include: * **Voltage Rating:** Usually up to **690V AC**. * **Current Rating (Iu):** Varies by model (e.g., 20A, 32A, 63A). * **Safety Rating:** Often rated **IP65** (Dust-tight and protected against water jets) when mounted. * **Operation:** 90-degree rotary throw (OFF-ON). * **Locking:** Padlockable in the "OFF" position for **LOTO (Lockout/Tagout)** safety compliance. --- ## 3. Wiring and Electronic Connectivity The electronic interface of the SVB-GZ-R consists of screw terminals designed for heavy-gauge industrial wiring. ### Terminal Configuration 1. **Main Contacts (1-2, 3-4, 5-6):** These are the 3-pole connections for the primary power supply (L1, L2, L3). 2. **Auxiliary Contacts (Optional):** Some models allow for N/O (Normally Open) or N/C (Normally Closed) auxiliary blocks used to send a signal to a PLC (Programmable Logic Controller) regarding the switch status. 3. **Ground/Neutral Terminals:** External modules can often be snapped onto the side for PE (Protective Earth) or N (Neutral) lines. --- ## 4. Key Applications * **Industrial Machinery:** Used as a local disconnect for motors. * **HVAC Systems:** Provides a safe way to cut power during maintenance. * **Control Cabinets:** Functions as the main incoming power switch. --- ### Comparison of Features | Feature | SVB-GZ-R (Standard) | Standard Toggle Switch | | :--- | :--- | :--- | | **Emergency Stop** | Yes (Red/Yellow coding) | No | | **Padlockable** | Yes | No | | **Mounting** | Rear/Door Mount | Panel Mount | | **Durability** | High (Industrial grade) | Consumer grade |
    ✨ Follow-up Questions
    • ⤷ What are the specific torque requirements for the SVB-GZ-R terminal screws?
    • ⤷ How do you install an auxiliary contact block on this switch series?
    • ⤷ What is the difference between the 'GZ' and 'P' mounting styles for Eaton switches?