SVB-HZ-R/K
AI

Based on industrial automation specifications, the **SVB-HZ-R/K** is a part number typically associated with **Electronic Safety Relays** or **Safety Gate Monitors**, often used in conjunction with magnetic safety switches or emergency stop circuits.
Below is an explanation of its electronic components and characteristics.
---
### 1. General Overview
The SVB-HZ-R/K serves as a safety evaluation unit. Its primary function is to monitor input signals (like door sensors) and safely disconnect power to machinery if a safety breach occurs.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Safety Relay / Evaluation Unit |
| **Input Channels** | Dual-channel (typically) for redundancy |
| **Reset Logic** | Manual or Automatic reset (K-series often denotes specific logic) |
| **Mounting** | DIN Rail (standard 35mm) |
---
### 2. Key Electronic Components
The internal architecture consists of several critical stages to ensure "Fail-Safe" operation:
#### A. Input Monitoring Circuit
* **Dual-Loop Design:** It monitors two separate circuits simultaneously. If there is a discrepancy between the two signals (e.g., one wire breaks), the unit enters a fault state.
* **Short-Circuit Detection:** It uses cross-fault monitoring to detect if wires are bridged externally.
#### B. The Logic Processor
* **Redundant Relays:** Internally, it uses two or more force-guided relays. If one relay contact welds shut, the other will still open the circuit, and the unit will prevent a restart.
* **Feedback Loop:** A dedicated terminal for monitoring external contactors (EDM - External Device Monitoring).
#### C. Power Supply Section
* **Voltage Regulation:** Usually operates on 24V DC or 110V/230V AC depending on the specific sub-model.
* **Protective Zener Diodes:** To prevent overvoltage from damaging the internal logic.
---
### 3. Connection Terminals (Typical Mapping)
Safety relays like the SVB-HZ-R/K use standardized terminal naming conventions:
| Terminal Label | Function Description |
| :--- | :--- |
| **A1 / A2** | Power Supply (Positive / Negative) |
| **S11 / S12** | Input Channel 1 (Safety Sensor) |
| **S21 / S22** | Input Channel 2 (Safety Sensor) |
| **13 / 14** | NO (Normally Open) Safety Output 1 |
| **23 / 24** | NO (Normally Open) Safety Output 2 |
| **Y1 / Y2** | Reset / Feedback Loop |
---
### 4. Status Indicators (LEDs)
The front panel typically features diagnostic LEDs to identify the electronic state:
1. **PWR:** Indicates the internal electronic board is receiving power.
2. **CH1 / CH2:** Indicates if the safety inputs are closed and the circuit is healthy.
3. **Fault:** Indicates a synchronization error or internal component failure.
- ⤷
What is the maximum switching current for the SVB-HZ-R/K outputs?
- ⤷ How do you wire a manual reset button to this specific safety relay?
- ⤷ What is the difference between the 'R' and 'K' variants in this product line?