SVB-JE-R/Q
AI

The **SVB-JE-R/Q** refers to a high-performance, modular **Safety Switch** or **Main Disconnect Switch** (often part of the Vario or TeSys series by Schneider Electric). These components are critical for industrial automation and power distribution.
### 1. Key Technical Specifications
The "R/Q" designation often refers to the handle type (Red/Yellow for Emergency Stop) and the specific mounting configuration.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Rotary Disconnect Switch / Load Break Switch |
| **Poles** | Typically 3-Pole (can be expanded) |
| **Current Rating** | Usually ranges from 12A to 175A (depending on frame size) |
| **Handle Color** | Red handle on a Yellow plate (Designates Emergency Stop) |
| **Mounting** | Door mounted or Back-plate mounted |
| **IP Rating** | IP65 (Dust-tight and protected against water jets) |
---
### 2. Internal Electronic & Mechanical Parts
While primarily a mechanical device, its "electronic" integration involves how it interfaces with a control circuit.
#### A. Main Power Contacts
* **Material:** Usually silver-plated copper for high conductivity and arc resistance.
* **Function:** Physically breaks the 3-phase power lines to a motor or machine.
#### B. Auxiliary Contact Blocks (Optional)
* These are smaller electronic switches clipped onto the side of the main body.
* **NO/NC Contacts:** Used to send a signal to a PLC (Programmable Logic Controller) or a status light to indicate if the switch is ON or OFF.
#### C. Handle Mechanism
* **Padlockable:** The handle contains a mechanical lockout mechanism to prevent accidental re-energizing during maintenance (LOTO).
* **Interlock:** Prevents the electrical cabinet door from being opened while the power is ON.
---
### 3. Connection Diagram Overview
To integrate this part into a system, the following wiring logic is typically used:
```mermaid
graph LR
L1[Line 1] --> S[SVB-JE Switch] --> M[Motor/Load]
L2[Line 2] --> S
L3[Line 3] --> S
S -.-> PLC[Status Signal to PLC]
```
---
### 4. Application Use Cases
* **Machine Isolation:** Safely cutting power to a specific piece of industrial machinery.
* **Emergency Stop:** The Red/Yellow color scheme allows it to be used as a localized emergency disconnect.
* **HVAC Systems:** Used to isolate large fan motors or compressors for servicing.
- ⤷
What are the specific mounting dimensions for the SVB-JE-R/Q?
- ⤷ How do I add auxiliary contacts to this specific switch model?
- ⤷ What is the maximum voltage rating for this series?