Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SVB-K8W-R/K

  • AI
    Based on the product code structure, the **SVB-K8W-R/K** typically refers to a high-performance **Industrial Servo Drive/Inverter** or an **Emergency Stop Switch/Safety Disconnect** assembly (commonly associated with brands like *Santon* or *IMO* for solar/industrial safety). Given its industrial context, here is an explanation of the core electronic parts and functional categories. --- ### 1. Functional Component Breakdown | Part Category | Component Name | Function | | :--- | :--- | :--- | | **Switching Mechanism** | Rotary Disconnect | The physical core that breaks or connects the high-current path. | | **Contacts** | Silver-Alloy Contacts | Provides low resistance and high durability against electrical arcing. | | **Housing** | Polycarbonate / IP66 Enclosure | Provides electrical insulation and protection against dust and water. | | **Terminals** | Screw-Clamp Terminals | Ensures a secure vibration-proof connection for heavy-gauge wiring. | | **Safety Interlock** | Padlockable Handle | An electronic/mechanical safety feature to prevent accidental re-energizing. | --- ### 2. Technical Specifications The "R/K" suffix often denotes specific color coding or mounting styles (Red/Yellow handle for Emergency Stop compliance). * **Rated Operational Voltage (Ue):** Usually rated for 690V AC or up to 1000V DC (depending on the specific solar/industrial sub-model). * **Current Rating:** Typically ranges from 16A to 32A for the K8 series. * **Ingress Protection:** **IP66**, meaning it is dust-tight and protected against powerful water jets. --- ### 3. Electronic Protection Features 1. **Arc Suppression:** Designed to extinguish the plasma arc generated when breaking high-load currents, preventing fire hazards. 2. **High Dielectric Strength:** The internal insulation materials are rated to prevent "flashovers" between phases or to the ground. 3. **Positive Break Contacts:** Ensures that if the contacts are welded together due to a short circuit, the handle cannot be moved to the "OFF" position, providing a clear mechanical indication of failure. --- ### 4. Circuit Diagram Logic The device usually operates on a **4-Pole** or **3-Pole + Neutral** configuration. ```mermaid graph LR A[L1 Input] --- B((Switch)) --- C[L1 Output] D[L2 Input] --- E((Switch)) --- F[L2 Output] G[L3 Input] --- H((Switch)) --- I[L3 Output] J[Neutral] --- K((Switch)) --- L[Neutral Out] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the SVB-K8W model?
    • ⤷ Does this part comply with IEC 60947-3 safety standards?
    • ⤷ How do I wire the auxiliary contacts for remote monitoring?