SVB-KZ-R/K
AI

The **SVB-KZ-R/K** is a specific model of an **Emergency Stop Switch (Main Switch)** assembly, typically manufactured by companies like Eaton (Moeller) or similar industrial control providers. It is designed for mounting on control panels and electrical cabinets.
Below is a breakdown of its electronic and mechanical components.
### 1. Component Overview
The assembly consists of several modular parts that work together to provide a safety disconnection point for industrial machinery.
| Component | Description | Function |
| :--- | :--- | :--- |
| **Rotary Handle** | Red/Yellow high-visibility handle. | Manual interface for turning the power ON/OFF. |
| **Switch Body** | The internal contact block (P1 or P3 series). | The physical electrical interrupter. |
| **Shaft/Extension** | Metal or plastic rod. | Connects the door handle to the switch body inside the cabinet. |
| **Locking Ring** | Padlockable collar. | Safety feature (LOTO - Lock Out Tag Out). |
---
### 2. Electrical Specifications
While specifications can vary based on the specific "P-series" switch body attached, the SVB-KZ-R/K configuration generally follows these parameters:
* **Switching Capacity:** Usually rated for **25A to 63A** (depending on the internal switch unit).
* **Voltage Rating:** Typically rated up to **690V AC**.
* **Utilization Category:** AC-23A (Switching of motor loads or other highly inductive loads).
* **Pole Configuration:** Available in 3-pole (standard) or 3-pole + Neutral.
* **Auxiliary Contacts:** Can often be fitted with extra NO/NC (Normally Open/Normally Closed) contacts for signaling a PLC or controller.
---
### 3. Key Electronic Features
* **Positive Operation:** The contacts are designed to be "positively driven," meaning they are physically forced apart to ensure the circuit is broken even if a light weld occurs.
* **Isolation Properties:** It serves as a "Main Disconnect," providing a physical air gap between contacts to ensure no current leakage during maintenance.
* **Ingress Protection (IP):** The front handle is usually rated **IP65**, protecting the electronics inside from dust and powerful water jets.
* **Interlock Mechanism:** The "KZ" designation often refers to a door-coupling handle that prevents the cabinet door from being opened while the power is "ON."
---
### 4. Typical Wiring Diagram (Example)
The following is a simplified representation of how the terminals are typically mapped on a 3-pole version:
```text
L1 L2 L3 (Incoming Power)
| | |
[ 1 3 5 ] <-- Switch Body Terminals
[ 2 4 6 ] <-- Load Terminals
| | |
T1 T2 T3 (To Motor/Machine)
```
---
- ⤷
What is the difference between the 'R/K' and 'HI' suffix in these switches?
- ⤷ How do I calculate the correct amperage rating for a 10kW motor using this switch?
- ⤷ Can this switch be used for DC current applications?