Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SVB-ZDW-R/Q

  • AI
    The **SVB-ZDW-R/Q** typically refers to a specialized series of **Solenoid Valve Terminals** or manifold components, often associated with industrial automation brands like **SMC** or **Festo** (specifically the SV series). These units integrate electronic control with pneumatic actuation. --- ### 1. Core Electronic Components The "R/Q" designation usually specifies the electrical connection type and the logic of the internal circuitry. | Component | Description | Function | | :--- | :--- | :--- | | **Solenoid Coils** | Electromagnetic wire coils. | Converts electrical signals into mechanical force to move the valve spool. | | **D-Sub Connector** | Multi-pin interface (e.g., 25-pin). | Centralizes the wiring for multiple valves into a single plug. | | **Surge Suppressor** | Varistor or Diode. | Protects the PLC outputs from "back EMF" (voltage spikes) when the coil de-energizes. | | **LED Indicators** | Light Emitting Diodes. | Provides visual confirmation that the specific valve station is receiving power. | | **PCB Backplane** | Internal printed circuit board. | Routes signals from the main connector to individual solenoid stations. | --- ### 2. Electrical Specifications These parts are designed to interface directly with PLCs (Programmable Logic Controllers). * **Voltage:** Typically **24V DC** (standard for industrial automation). * **Power Consumption:** Usually low wattage (approx. **0.1W to 0.6W**) to allow for high-density mounting without overheating. * **Polarity (R/Q Logic):** * **Negative Common (NPN):** The common line is negative; the PLC switches the positive side. * **Positive Common (PNP):** The common line is positive; the PLC switches the negative side. * *Note: "R" and "Q" often denote specific pin-out configurations or internal relay/non-relay logic variations.* --- ### 3. Wiring Configuration The electronic interface simplifies "Point-to-Point" wiring into a "Serial" or "Multi-pin" system. ```yaml Wiring_Type: Multi-connector (D-sub) Protection_Class: IP65 or IP67 (Dust and Water resistant) Duty_Cycle: 100% Continuous (Designed to stay energized for long periods) Response_Time: 10ms - 30ms (Electronic trigger to mechanical shift) ``` --- ### 4. Comparison of R vs Q Variants While specific to the manufacturer's catalog, the R/Q suffix generally dictates the **Electrical Entry Direction** or **Signal Logic**: 1. **Directional Entry:** One may signify a top-entry connector, while the other signifies a side-entry. 2. **Safety Logic:** One may include built-in "EX" (Explosion proof) or "SIL" (Safety Integrity Level) rated electronic components.
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout for the D-sub connector on this model?
    • ⤷ How do I troubleshoot a flashing LED on an SVB series valve?
    • ⤷ Can this solenoid manifold be converted from NPN to PNP logic?