SVF-4B-R/Q
AI

The **SVF-4B-R/Q** is a specific part number primarily associated with **SMC Corporation**, a global leader in pneumatic and electronic automation components. This specific designation refers to a **Solenoid Valve Interface** or a specific configuration of a manifold-mounted solenoid valve.
---
### 1. Part Breakdown and Technical Specifications
Based on standard SMC nomenclature, here is the technical breakdown of the electronic and mechanical components:
| Component Component | Description |
|:---|:---|
| **Series (SV)** | Refers to the **SV Series** solenoid valves, known for high-speed response and long life cycles. |
| **Size/Type (F)** | Indicates a **manifold base** type, typically used for multi-station valve assemblies. |
| **Valve Stations (4B)** | Usually refers to the number of stations or the specific manifold block size (4-station base). |
| **Voltage/Connector (R/Q)** | **R** often denotes a specific wiring type (e.g., individual wiring or ribbon cable). **Q** typically indicates a **Quick-connect** or M12 connector type. |
### 2. Electronic Characteristics
The electronic functionality of the SVF-4B-R/Q focuses on low-power consumption and integration with PLC (Programmable Logic Controller) systems.
* **Coil Voltage:** Usually **24V DC** (the industry standard for automation).
* **Power Consumption:** Designed for high efficiency, often consuming as little as **0.6W** per coil to reduce heat buildup.
* **Surge Suppression:** These units typically include a built-in **Surge Voltage Suppressor** (often a MOV or Diode) to prevent back-EMF from damaging the PLC outputs.
* **Indicator Lights:** Most "Q" variants feature integrated **LEDs** to show the current excitation state of the solenoid.
### 3. Connection and Wiring
The "R/Q" suffix is critical for electronic integration:
1. **D-Sub or Ribbon Cable:** The manifold often uses a single multi-pin connector to control multiple valves, reducing the need for individual wires.
2. **Polarity:** These valves are often available in both **Positive Common** and **Negative Common** (NPN/PNP) configurations.
3. **Protection:** The electronic housing is usually rated at **IP67**, meaning it is protected against dust and temporary immersion in water.
---
### 4. Application Use Cases
* **Pick and Place Robots:** Fast switching speeds (under 20ms) for high-speed assembly.
* **Pneumatic Manifolds:** Controlling multiple air cylinders from a single electronic signal source.
* **Industrial IoT:** Integration into networked systems using fieldbus protocols (like EtherNet/IP or PROFINET) via compatible gateway modules.
- ⤷
What is the exact voltage rating for the SVF-4B-R/Q model?
- ⤷ Does this model support EtherNet/IP communication directly?
- ⤷ What is the IP rating for the electrical connectors on this series?