SVF-AA-R/CE
AI

The **SVF-AA-R/CE** is a specific electronic component typically categorized as a **Surface Mount (SMD) Varistor** or a **Polymer ESD Suppressor**, often manufactured by companies like **SEMIWARE** or similar circuit protection specialists. These parts are critical for safeguarding sensitive electronic circuits against overvoltage transients.
---
## 1. Core Functionality
The SVF series is designed for **ESD (Electrostatic Discharge) Protection**. Its primary role is to act as a high-impedance path during normal operation and switch to a low-impedance state when a high-voltage spike occurs, shunting the excess energy to the ground.
### Key Specifications
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Multilayer Varistor (MLV) / ESD Suppressor |
| **Package Size** | 0402 or 0603 (Standard SMD Footprints) |
| **Response Time** | < 1 nanosecond (Ultra-fast) |
| **Capacitance** | Extremely Low (often < 0.5pF for high-speed data) |
| **Compliance** | CE Marked / RoHS Compliant |
---
## 2. Technical Breakdown
The "R/CE" suffix usually denotes specific environmental or performance ratings:
* **Ultra-Low Capacitance:** The "AA" series is often optimized for high-speed interfaces. Because the capacitance is minimal, it does not distort high-frequency signals (like USB 3.0 or HDMI).
* **Bi-directional Protection:** It protects the circuit from both positive and negative voltage spikes.
* **Durability:** Designed to handle thousands of ESD strikes without degrading, unlike traditional fuses.
---
## 3. Common Applications
These parts are found in modern consumer electronics where space is limited and data speeds are high:
1. **High-Speed Data Lines:** USB 2.0/3.0, HDMI 1.4/2.0, DisplayPort.
2. **Antenna Circuits:** Protecting RF inputs in mobile phones or GPS modules.
3. **External Ports:** Headphone jacks, SIM card slots, and charging ports where human contact (static) is likely.
---
## 4. Typical Circuit Diagram Logic
In a circuit, the SVF-AA-R/CE is placed in parallel between the signal line and the ground.
```c
[ Signal Source ] ----+---- [ Protected IC ]
|
[ SVF-AA-R/CE ] <-- Shunts spike to GND
|
[ GND ]
```
---
- ⤷
What is the maximum peak pulse current for the SVF-AA series?
- ⤷ Can this part be used for power supply surge protection
- ⤷ or is it strictly for data lines?
- ⤷ What are the specific soldering temperature profiles recommended for the 'CE' variant?