SVFH-2W5-R
AI

The **SVFH-2W5-R** is a specific electronic component, typically identified as a high-performance **VHF/UHF RF Switch** or filter module (often associated with CATV, telecommunications, or signal distribution equipment).
Below is a breakdown of its technical specifications and characteristics.
---
### 1. Technical Specifications
| Parameter | Description |
| :--- | :--- |
| **Component Type** | High-Pass Filter / RF Switch Module |
| **Frequency Range** | Typically supports VHF/UHF bands (e.g., 5MHz - 1000MHz) |
| **Impedance** | 75 Ohms (Standard for Video/CATV) |
| **Insertion Loss** | Low (typically < 1.0 dB depending on frequency) |
| **Return Loss** | High (typically > 16 dB for signal integrity) |
| **Mounting Type** | PCB Through-hole or Module plug-in |
### 2. Key Features
* **Signal Isolation:** Designed to prevent interference between different frequency bands, ensuring that upstream and downstream signals do not collide.
* **Durability:** Usually housed in a zinc die-cast or nickel-plated brass housing to provide excellent Electromagnetic Interference (EMI) shielding.
* **Surge Protection:** Many parts in this series include internal surge protection to handle voltage spikes common in outdoor cable environments.
### 3. Application Areas
The SVFH-2W5-R is commonly found in the following systems:
1. **CATV (Cable Television):** Used in splitters or distribution amplifiers to manage signal flow.
2. **Broadband Networks:** Assists in isolating data signals from video signals.
3. **Signal Testing:** Used in laboratory environments where high-frequency signal integrity is required.
### 4. Component Identification
* **SVFH:** Series prefix (often related to High-Pass or Switching functions).
* **2W:** Power rating or wiring configuration (2-Way).
* **5-R:** Revised version or specific frequency cutoff indicator.
---
- ⤷What is the exact frequency cutoff for the SVFH-2W5-R?
- ⤷ Are there specific SMD equivalents for this through-hole component?
- ⤷ How does this part handle return loss at frequencies above 800MHz?