Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SVS-H0-R

  • AI
    The **SVS-H0-R** is an Electronic Expansion Valve (EEV) controller, commonly utilized in HVAC and refrigeration systems to manage the flow of refrigerant with high precision. It translates signals from pressure and temperature sensors into mechanical movement of the expansion valve. --- ### Core Electronic Components The SVS-H0-R consists of several critical subsystems that work together to manage superheat: | Component | Function | Description | | :--- | :--- | :--- | | **Microprocessor** | Logic Unit | The "brain" that calculates the required valve opening based on PID algorithms. | | **Stepper Motor Driver** | Power Control | Converts digital logic into high-current pulses to drive the bipolar stepper motor in the valve. | | **Analog-to-Digital (ADC)** | Signal Conversion | Converts analog signals from NTC thermistors and pressure transducers into digital data. | | **RS-485 Interface** | Communication | Uses Modbus RTU protocol for remote monitoring and integration with a Master PLC. | | **Non-Volatile Memory** | Data Storage | Stores user-defined parameters and setpoints even during power failure. | --- ### Input/Output Interface Specifications The reliability of the SVS-H0-R depends on its ability to interface with external electronic sensors: #### 1. Input Signals (Feedback) * **Pressure Transducer:** Usually 4-20mA or 0-5V. It measures the evaporating pressure to determine the saturation temperature. * **Temperature Sensor:** Usually an NTC 10K or 100K thermistor placed on the suction line to measure actual gas temperature. * **Digital Input:** For Start/Stop commands or emergency defrost signals. #### 2. Output Signals (Action) * **Stepper Motor Output:** A 4-wire connection (A, A-, B, B-) providing 12V DC pulses. * **Alarm Relay:** A dry contact used to trigger external sirens or shut down the compressor if superheat is too low (Liquid Slugging protection). --- ### Typical Wiring Configuration ```mermaid graph LR A[Power Supply 24V DC/AC] --> B[SVS-H0-R Controller] C[Pressure Transducer] -- 4-20mA --> B D[NTC Temp Sensor] -- Resistance --> B B -- Pulse Signal --> E[Electronic Expansion Valve] B -- Modbus --> F[BMS System] ``` ### Technical Electronic Characteristics * **Power Requirement:** 24V AC/DC (±10%). * **Pulse Rate:** Adjustable, typically up to 500 pulses per second (PPS). * **Resolution:** High-precision control, often supporting valves with 500 to 3000 steps. * **Protection:** Built-in TVS (Transient Voltage Suppressors) to protect against electrical surges in industrial environments.
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the pressure transducer on the SVS-H0-R?
    • ⤷ What are the common error codes for stepper motor failure in this controller?
    • ⤷ Can the SVS-H0-R be used with CO2 (R744) refrigerant systems?