Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SW2012

  • AI
    The **SW2012** designation typically refers to a specific size of **Surface Mount Device (SMD)** components, primarily chip inductors or resistors. In the context of electronic parts, "2012" represents the physical dimensions of the component in the metric system. --- ### 1. Dimension Breakdown The name follows the standard EIA (Electronic Industries Alliance) metric code format. | Metric Code | Imperial Equivalent | Length (L) | Width (W) | | :--- | :--- | :--- | :--- | | **2012** | 0805 | 2.0 mm | 1.2 mm | ### 2. Common Components in SW2012 Package While many components use this footprint, the "SW" prefix is most commonly associated with **Wire-wound Chip Inductors**. #### A. Wire-wound Chip Inductors These are used for high-frequency applications. They consist of a wire wound around a ceramic or ferrite core. * **Applications:** RF modules, Bluetooth devices, Wi-Fi routers, and mobile phones. * **Key Features:** High Q-factor (Quality factor), high self-resonant frequency (SRF), and low DC resistance (DCR). #### B. Chip Ferrite Beads Sometimes categorized under this sizing, these are used for EMI (Electromagnetic Interference) suppression. * **Function:** They act as a high-frequency resistor to dissipate noise as heat. ### 3. Technical Specifications When sourcing an SW2012 component, the following parameters are critical: | Parameter | Description | | :--- | :--- | | **Inductance** | Measured in Nanohenries (nH) or Microhenries (µH). | | **Tolerance** | Usually ±5% or ±10%. | | **Rated Current** | The maximum DC current the part can handle without overheating. | | **DCR** | DC Resistance; lower is better for power efficiency. | | **Operating Temp** | Typically ranges from -40°C to +125°C. | --- ### 4. Typical Usage Example (Code Snippet) In PCB design software (like Altium or KiCad), the footprint would be defined as follows: ```markdown Footprint Name: INDC2012X120 (Metric) Description: Chip Inductor, 2.00mm L x 1.20mm W x 1.20mm H Land Pattern: - Pad Size: 1.0mm x 1.45mm - Spacing: 0.9mm (between pads) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 2012 metric and 0805 imperial sizes?
    • ⤷ Which brands are the primary manufacturers of SW2012 inductors?
    • ⤷ How do I choose between a ceramic core and a ferrite core for a 2012 inductor?