AI

The **SW3003A** is a specialized power management integrated circuit (PMIC), specifically a highly integrated **Quick Charge (QC) protocol controller** used primarily in power adapters, car chargers, and wall plugs.
Below is a detailed breakdown of its electronic characteristics and functionality.
---
### 1. General Overview
The SW3003A is designed to handle the negotiation between a power source (like a charger) and a mobile device (like a smartphone). It ensures the device receives the maximum supported voltage and current safely.
### 2. Key Specifications
| Feature | Description |
| :--- | :--- |
| **Main Function** | Fast Charge Protocol Controller |
| **Supported Protocols** | QC 3.0, QC 2.0, FCP (Huawei), AFC (Samsung), Apple, BC1.2 |
| **Operating Voltage** | 3.3V to 13V |
| **Package Type** | SOT23-6 (Small Outline Transistor) |
| **Protection Features** | Over-voltage, Short-circuit, Over-temperature |
---
### 3. Pin Configuration (SOT23-6)
The device typically uses a 6-pin layout to manage the handshake between the USB port and the power conversion stage.
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **VCC** | Power supply input |
| 2 | **GND** | Ground |
| 3 | **DP (D+)** | USB Data Plus line for protocol handshake |
| 4 | **DM (D-)** | USB Data Minus line for protocol handshake |
| 5 | **FB** | Feedback pin (connects to the optocoupler/regulator) |
| 6 | **NC/DIS** | No connection or Discharge control |
---
### 4. Functional Principles
The SW3003A operates as an interface between the **Secondary Side** of a power supply and the **USB Port**.
1. **Detection:** When a device is plugged in, the SW3003A monitors the voltages on the D+ and D- lines.
2. **Negotiation:** It "talks" to the device to determine if it supports Quick Charge 3.0 or other protocols.
3. **Feedback Control:** Once a protocol is established (e.g., 9V requested), the SW3003A adjusts the voltage at its **FB (Feedback)** pin.
4. **Regulation:** This FB signal tells the primary-side controller (via an optocoupler) to increase or decrease the output voltage of the transformer to match the device's request.
---
### 5. Application Circuit Example
In a standard charger design, the SW3003A is placed on the low-voltage side (secondary side).
```mermaid
graph LR
A[Transformer] --> B[Rectifier/Filter]
B --> C[USB Output VBUS]
C --> D[SW3003A]
D --> E[D+/D- Lines]
D -- Feedback Signal --> F[Optocoupler]
F --> G[Primary PWM Controller]
```
---
### 6. Advantages
* **High Integration:** Requires very few external components (resistors/capacitors), saving PCB space.
* **Multi-Protocol Support:** Allows one charger to be compatible with multiple brands (Samsung, Huawei, Apple).
* **Precise Regulation:** QC 3.0 allows for 200mV incremental voltage steps, which the SW3003A manages accurately to reduce heat during charging.
- ⤷
What are the main differences between SW3003A and SW3516?
- ⤷ Can the SW3003A be used for USB-C Power Delivery (PD)?
- ⤷ What is the typical value for the feedback resistor used with SW3003A?