SWC-192M-R1
AI

The **SWC-192M-R1** is a high-performance **Millimeter-Wave (mmWave) End-Launch Waveguide to Coaxial Adapter**. It is primarily used in RF/Microwave engineering to interface rectangular waveguides with coaxial cables at extremely high frequencies.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Model Number** | SWC-192M-R1 |
| **Waveguide Size** | WR-19 (U-Band) |
| **Frequency Range** | 40.0 to 60.0 GHz |
| **Connector Type** | 1.85mm (V) Male |
| **Flange Type** | UG-383/U-M (Circular) |
| **Insertion Loss** | 0.5 dB (Typical) |
| **VSWR** | 1.25:1 (Typical) |
| **Material** | Gold-plated Brass / Aluminum |
---
### 2. Physical & Electronic Components
#### A. The Waveguide Interface (WR-19)
The "WR-19" designation refers to the rectangular hollow metal pipe dimensions. In this part:
* **Dimensions:** The opening is precisely $0.188" \times 0.094"$.
* **Purpose:** It guides electromagnetic waves in the **U-band** (40-60 GHz) with minimal power loss compared to standard coaxial cables.
#### B. The Coaxial Connector (1.85mm Male)
Because standard SMA or K-connectors cannot handle frequencies up to 60 GHz without significant signal degradation (mode hopping), this part uses a **1.85mm (V-type)** connector.
* **Air Dielectric:** Uses air as the primary dielectric to maintain impedance stability.
* **Male Pin:** The "-R1" usually signifies a specific orientation or gender (Male in this instance).
#### C. The Internal Transition (Taper)
Inside the metal housing, there is a precision-machined "probe" or "step" transition.
* **Electronic Function:** It transforms the transverse electric (TE10) mode of the waveguide into the TEM (Transverse Electromagnetic) mode of the coaxial cable.
* **Impedance Matching:** This internal geometry is tuned to ensure the impedance stays as close to **50 Ohms** as possible across the entire 20 GHz bandwidth.
---
### 3. Application Use Cases
* **5G/6G Research:** Testing high-frequency backhaul equipment.
* **Radar Systems:** Used in automotive and aerospace radar modules.
* **Test & Measurement:** Connecting a Vector Network Analyzer (VNA) to waveguide-based components like antennas or filters.
---
- ⤷
What is the difference between WR-19 and WR-15 adapters?
- ⤷ How does VSWR affect the performance of this mmWave adapter?
- ⤷ Is the SWC-192M-R1 compatible with standard 2.4mm connectors?