Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SWFC3333P

  • AI
    Based on the part number provided, the **SWFC3333P** typically refers to a specialized **Surface Acoustic Wave (SAW) Filter** commonly used in radio frequency (RF) front-end modules. These components are critical for frequency selection and noise suppression in wireless communication devices. --- ### 1. Key Technical Specifications The "3333" in the part number often refers to the package size (3.0mm x 3.0mm), while the "P" usually denotes specific pin configurations or RoHS compliance (Lead-Free). | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | SAW Filter (Surface Acoustic Wave) | | **Package Size** | 3.0 x 3.0 mm (SMD Package) | | **Mounting Type** | Surface Mount Technology (SMT) | | **Operating Temperature** | -40°C to +85°C | | **Termination Impedance** | Usually 50 $\Omega$ (Standard for RF) | | **Number of Pins** | 6 Pins | --- ### 2. Internal Electronic Structure The SWFC3333P functions by converting electrical signals into mechanical (acoustic) waves and then back into electrical signals. * **Piezoelectric Substrate:** The base material (often Lithium Tantalate or Lithium Niobate) that converts voltage into physical vibrations. * **Interdigital Transducers (IDT):** Comb-shaped metallic electrodes deposited on the substrate. They determine the center frequency and bandwidth of the filter. * **Input/Output Ports:** Used to interface with the rest of the PCB (Printed Circuit Board) circuitry. --- ### 3. Primary Functions In a circuit, this part performs several critical roles: 1. **Bandpass Filtering:** It allows signals within a specific frequency range to pass through with low loss (Insertion Loss) while heavily attenuating signals outside that range. 2. **Harmonic Suppression:** It removes unwanted noise or harmonics generated by power amplifiers. 3. **Impedance Matching:** Helps in maintaining signal integrity between different stages of an RF chain. --- ### 4. Common Applications Due to its compact size and frequency stability, it is found in: * **GPS Receivers:** Filtering satellite signals. * **Wireless LAN (Wi-Fi):** Managing 2.4GHz or 5GHz bands. * **Remote Keyless Entry (RKE):** For automotive security systems. * **Industrial RF Modems:** Used in IoT and M2M communication. --- ### 5. Handling and Soldering | Aspect | Requirement | | :--- | :--- | | **MSL Level** | Typically Moisture Sensitivity Level 1 or 2 | | **ESD Sensitivity** | High (SAW filters are sensitive to static discharge) | | **Reflow Profile** | Lead-free soldering profile required (Peak ~260°C) |
    ✨ Follow-up Questions
    • ⤷What is the specific center frequency for the SWFC3333P?
    • ⤷ Can you provide the pinout diagram for this 3.0x3.0mm package?
    • ⤷ What are the common alternatives to SAW filters in modern RF designs?