Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SX1555-R

  • AI
    ## Overview of the SX1555-R The **SX1555-R** is a specialized electronic component, primarily known as a **Voltage Level Translator (Level Shifter)** designed specifically for interfacing between a baseband processor and a SIM card. It is commonly used in mobile devices and embedded systems where different logic voltage levels are required. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the SX1555-R: | Parameter | Specification | | :--- | :--- | | **Input Voltage (Vcc)** | 1.1V to 3.6V (System Side) | | **Output Voltage (Vcc_SIM)** | 1.8V or 3.0V (SIM Side) | | **Channels** | 3-channel (Clock, Data, Reset) | | **Communication Speed** | Supports up to 5 MHz | | **Package Type** | QFN-20 or similar ultra-small footprint | | **Standard Compliance** | ISO 7816-3, GSM 11.11 | --- ### 2. Core Functional Blocks The device is composed of several critical internal electronic parts that allow it to function as a bridge: * **Bidirectional Data Buffers:** These circuits allow for two-way communication on the I/O line without needing a direction control pin. It automatically detects which side is driving the signal. * **Voltage Regulators (LDO):** Integrated Low Dropout (LDO) regulators generate the required 1.8V or 3.0V for the SIM card from the main battery or system power supply. * **Level Shifting Circuitry:** High-speed CMOS transistors shift the logic signals (RST, CLK, I/O) from the low-voltage processor domain (e.g., 1.2V) to the higher-voltage SIM domain. * **ESD Protection:** Built-in protection diodes protect the internal circuitry against Electrostatic Discharge (ESD) up to ±8kV, which is vital for external SIM slots. --- ### 3. Application Circuitry When integrating the SX1555-R into a PCB design, the following external components are typically required: 1. **Decoupling Capacitors:** Small ceramic capacitors (usually 0.1µF to 1µF) placed close to the $V_{CC}$ and $V_{CC\_SIM}$ pins to filter noise. 2. **Pull-up Resistors:** Depending on the specific implementation, the I/O line may require a pull-up resistor to ensure stable logic states, though some versions have these integrated. 3. **Enable Pin (EN):** A GPIO from the processor is used to power down the translator to save energy when the SIM is not in use. --- ### 4. Common Use Cases * **Smartphones:** Connecting 1.2V application processors to 1.8V/3.0V SIM cards. * **IoT Modules:** Bridging cellular modems with external SIM or eSIM chips. * **Point of Sale (POS) Terminals:** Interfacing with smart card readers. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the SX1555-R?
    • ⤷ How does the automatic direction sensing work in the I/O channel?
    • ⤷ What are the power consumption metrics for the SX1555-R in standby mode?