Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • SY88822V

  • AI
    ## Overview of the SY88822V The **SY88822V** is a high-speed, integrated laser driver manufactured by Microchip Technology (formerly Micrel). It is specifically designed for use in optical fiber applications, such as Gigabit Ethernet, Fiber Channel, and SONET/SDH. --- ### Core Specifications The SY88822V is known for its versatility in power supply and high-speed performance. | Parameter | Specification | | :--- | :--- | | **Data Rate** | Up to 1.25 Gbps | | **Supply Voltage** | 3.3V or 5V (Dual Compatibility) | | **Modulation Current** | Adjustable from 5mA to 60mA | | **Bias Current** | Adjustable from 5mA to 60mA | | **Input Type** | Differential PECL (Positive Emitter-Coupled Logic) | | **Package** | 10-pin MSOP or 16-pin MLF | --- ### Key Functional Blocks To understand the electronic parts of the SY88822V, we must look at its internal architecture: 1. **Input Buffer:** * It features differential inputs designed to accept PECL signals. * Internal termination and biasing ensure signal integrity at high gigabit speeds. 2. **Modulation Control:** * This section controls the "AC" part of the laser signal (the data transitions). * An external resistor ($R_{MOD}$) is used to set the desired modulation current, allowing the user to tune the optical extinction ratio. 3. **Bias Control:** * This section provides the "DC" offset to the laser. * An external resistor ($R_{BIAS}$) sets the bias current to keep the laser diode just above its threshold level, ensuring fast switching times. 4. **Enable/Disable Logic:** * A TTL-compatible "Enable" pin allows the laser to be turned off for safety or power-saving purposes. --- ### Typical Application Circuit When designing with the SY88822V, the peripheral electronic components are critical for stability. ```mermaid graph LR Input[Data In PECL] --> SY88822V R_bias[R_bias Resistor] --> SY88822V R_mod[R_mod Resistor] --> SY88822V SY88822V --> Laser[Laser Diode] VCC[Power 3.3V/5V] --> SY88822V ``` * **Bypass Capacitors:** Usually 0.1µF and 100pF capacitors are placed close to the VCC pins to filter high-frequency noise. * **Coupling:** The output is typically AC-coupled or DC-coupled to a Common Cathode laser diode. --- ### Advantages * **Small Footprint:** The MSOP-10 package saves significant board space in SFP (Small Form-factor Pluggable) modules. * **Flexibility:** The wide range of bias and modulation currents makes it compatible with various laser types (VCSEL, FP, DFB). * **Power Efficiency:** Optimized for low power consumption at 3.3V operations.
    ✨ Follow-up Questions
    • ⤷ What are the specific resistor values recommended for a 20mA modulation current?
    • ⤷ Can the SY88822V be used with 2.5 Gbps data rates?
    • ⤷ What is the difference between the SY88822V and the SY88922V?