Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • T225A-R10-KB

  • AI
    ## Technical Overview: T225A-R10-KB The **T225A-R10-KB** refers to a specific variant of a **22.5mm Industrial Selector Switch** (often associated with brands like Trend or similar industrial control manufacturers). These components are critical in human-machine interface (HMI) applications for manual control of electrical circuits. --- ### 1. Key Electronic & Mechanical Specifications The device is composed of three primary sections: the **operator** (the knob), the **mounting collar**, and the **contact blocks**. | Feature | Specification | | :--- | :--- | | **Mounting Diameter** | 22.5 mm (Standard Industrial Size) | | **Switch Type** | Selector Switch (Rotary) | | **Positions** | 2-Position or 3-Position (Model dependent) | | **Action Type** | Maintained (Stays in place) or Momentary (Spring return) | | **Contact Configuration** | Usually 1NO (Normally Open) or 1NC (Normally Closed) base | | **Voltage Rating** | Up to 600V AC/DC (Application specific) | | **Current Rating** | 10A (Thermal Current $I_{th}$) | --- ### 2. Internal Electronic Parts The "Electronic" nature of this part is primarily electromechanical. Here is a breakdown of the internal components: #### A. Contact Blocks These are the most important electronic parts. They are modular plastic housings containing: * **Silver Alloy Contacts:** Used to ensure low electrical resistance and minimize "arcing" when the circuit is opened or closed. * **Terminals:** Screw-type or spring-clamp connectors where the external wiring is attached. * **Plunger Mechanism:** A mechanical rod that translates the rotation of the knob into the physical movement of the electrical contacts. #### B. The Operator (Knob) * **Bezel:** Typically made of chrome-plated metal or high-impact plastic. * **Cam:** A shaped internal piece that determines the switching logic (which contact block is pressed when the knob is turned to a specific angle). #### C. Environmental Sealing * **Gaskets/O-rings:** Ensure the part meets **IP65/NEMA 4X** ratings, protecting the internal electrical connections from dust, oil, and water ingress. --- ### 3. Application Circuit Example In a standard industrial control panel, the T225A-R10-KB functions as a logic input for a PLC or a direct power switch for a contactor coil. ```mermaid graph LR PowerSource(24V DC / 120V AC) --> Terminal_1[T225A Terminal 1] Terminal_1 --> SelectorSwitch{Switch Mechanism} SelectorSwitch --> Terminal_2[T225A Terminal 2] Terminal_2 --> Load(Motor Starter / Relay Coil) ``` --- ### 4. Part Number Breakdown (Typical) * **T22:** 22mm Series. * **5A:** Specific handle style (e.g., Short lever vs. Long lever). * **R10:** Often denotes the contact configuration (1 NO contact) or the specific rotary angle (e.g., 90-degree throw). * **KB:** Color code (Black knob). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum voltage rating for the T225A contact blocks?
    • ⤷ Can additional contact blocks be stacked onto this specific switch model?
    • ⤷ What is the difference between 'Maintained' and 'Spring Return' actions in this series?