T225J-R10-KB
AI

The part number **T225J-R10-KB** typically refers to a high-power, wirewound resistor. These components are designed to dissipate significant heat and are commonly used in industrial power electronics.
---
### 1. Component Specifications
Based on standard electronic naming conventions for this series (often associated with brands like TE Connectivity or Ohmite), here is the breakdown of the specifications:
| Parameter | Specification | Details |
| :--- | :--- | :--- |
| **Component Type** | Wirewound Resistor | High stability and power handling |
| **Power Rating** | 225 Watts | Maximum heat dissipation capacity |
| **Resistance Value** | 0.10 $\Omega$ (R10) | Very low resistance (Current sensing/Shunt) |
| **Tolerance** | $\pm 10\%$ (K) | The allowable variance from nominal value |
| **Mounting Style** | Tubular / Bracket | Designed for chassis mounting |
---
### 2. Part Number Breakdown
The alphanumeric code follows a specific logic:
* **T225**: Indicates the series and the physical size, corresponding to a **225-watt** power rating.
* **J**: Often represents the manufacturer series or a specific terminal type (check specific datasheet for terminal lug style).
* **R10**: Represents the resistance value. The "R" acts as a decimal point. $R10 = 0.10$ Ohms.
* **K**: The tolerance code. $K = \pm 10\%$.
* **B**: Usually indicates the packaging method (Bulk) or a specific mounting hardware inclusion.
---
### 3. Construction and Materials
* **Core:** Typically a ceramic (steatite) tube which provides excellent thermal conductivity and electrical insulation.
* **Resistive Element:** A nickel-chromium (NiCr) or copper-nickel alloy wire wound precisely around the core.
* **Coating:** Vitreous enamel or a silicone-based flameproof coating to protect the wire from oxidation and mechanical damage.
* **Terminals:** Solder-coated or tinned lugs for high-current connections.
---
### 4. Typical Applications
Due to the low resistance (0.10 $\Omega$) and high wattage (225W), this part is used in:
1. **Dynamic Braking:** Absorbing energy from motors to bring them to a stop.
2. **Current Sensing:** Measuring high current flows by monitoring the voltage drop across the resistor.
3. **Load Banks:** Testing power supplies or batteries by simulating a high-load environment.
4. **Inrush Current Limiting:** Protecting sensitive circuits during initial power-up.
---
- ⤷
What are the physical dimensions of a 225W tubular resistor?
- ⤷ Can this resistor be used in high-frequency AC applications?
- ⤷ How do I calculate the maximum current this 0.10 ohm resistor can handle?