T225X-R10-KB
AI

The **T225X-R10-KB** is a specific technical part number, typically associated with high-precision electronics, often found in industrial automation, sensor systems, or high-performance resistors. Based on standard electronic labeling conventions, here is a breakdown of its characteristics.
---
### 1. Component Identification
This part number typically refers to a **Thick Film or Wirewound Resistor** (often produced by brands like TE Connectivity or similar industrial component manufacturers).
| Attribute | Specification |
| :--- | :--- |
| **Series** | T225X (Industrial High Power/Precision) |
| **Resistance Value** | 0.10 Ohms (R10) |
| **Tolerance** | ±10% (K) |
| **Packaging/Form** | Bulk/Bag (B) |
---
### 2. Detailed Technical Breakdown
#### A. Power Rating (T225 Series)
The "T225" designation usually implies a high wattage capability. These components are designed to dissipate significant heat, making them suitable for power supplies and motor controllers.
* **Typical Wattage:** Often rated between 10W to 25W depending on the specific heat-sinking environment.
#### B. Resistance Value (R10)
In electronic nomenclature, the letter **"R"** acts as a decimal point for Ohms.
* **R10 = 0.10 $\Omega$**
* This is a "Low-Ohmic" value, commonly used for **Current Sensing**. By measuring the voltage drop across this resistor, a circuit can determine how much current is flowing.
#### C. Tolerance (K)
The letter **K** is the industry standard code for tolerance.
* **K = ±10%**
* This means the actual resistance can vary between 0.09 $\Omega$ and 0.11 $\Omega$.
---
### 3. Common Applications
Due to its low resistance and high power handling, this part is typically used in:
1. **Current Shunt Sensing:** Monitoring battery levels or motor loads.
2. **Inrush Current Limiting:** Protecting circuits from sudden power spikes.
3. **Feedback Loops:** In DC-DC converters or industrial power stages.
4. **Braking Resistors:** Small-scale energy dissipation in motion control.
---
### 4. Technical Footprint & Mounting
```text
[ Physical Characteristic Estimate ]
Type: Radial or Axial Lead (often ceramic encased)
Material: Metal Oxide or Wirewound
Coating: Flameproof Silicone or Cement
```
---
- ⤷What is the maximum operating temperature for the T225 series?
- ⤷ Can this resistor be used in high-frequency pulse applications?
- ⤷ What are the alternative tolerance codes if I need higher precision than 'K'?