Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • T53_V01

  • AI
    The **T53_V01** is a common identification code for a specific type of LED TV mainboard, typically used in universal replacement kits or budget-friendly LED televisions. It is often referred to as a "Universal Driver Board." Below is a breakdown of its electronic components, specifications, and architecture. --- ### 1. General Specifications | Component | Details | | :--- | :--- | | **Main Chipset** | Often based on the TSUMV53 series (Mstar/Sigmastar) | | **Supported Resolution** | Up to 1920 x 1080 (Full HD) | | **Interface** | Single/Dual Channel 8-bit LVDS | | **Power Input** | 12V DC | | **Panel Voltage** | Jumper-selectable (3.3V, 5V, 12V) | --- ### 2. Key Electronic Sections #### A. Power Management Section This area converts the 12V input into various lower voltages required by the internal circuitry. * **Voltage Regulators:** Uses DC-to-DC buck converters to create 5V (for USB/logic), 3.3V (for the Main IC), and 1.2V/1.8V (for the CPU core/DDR RAM). * **Panel Power Jumper:** A physical header used to select the correct voltage for the LCD panel logic board (T-CON). #### B. The Processor (SoC) The **TSUMV53** (or similar) is the heart of the board. It handles: * **Video Scaling:** Resizing the input signal to fit the panel resolution. * **OSD (On-Screen Display):** Generating the menus and volume bars. * **Decoding:** Processing analog/digital signals from HDMI, VGA, and AV inputs. #### C. Memory Components * **SPI Flash Memory:** (e.g., 25Q32 or 25Q64). This chip stores the **Firmware**. If this chip fails or the software is corrupted, the board will not boot or stay stuck in standby. * **Internal RAM:** Usually embedded within the main SoC for scaling operations. #### D. Audio Amplifier * **IC Type:** Typically a Class-D digital audio amplifier (e.g., NS4263 or similar). * **Output:** Usually provides 2x3W or 2x5W output to external speakers. --- ### 3. Connector Layout (I/O Ports) The board features a standard array of input/output ports for multimedia use: 1. **HDMI:** High-definition digital video and audio input. 2. **VGA:** For PC analog input. 3. **USB 2.0:** Used for media playback (Movies, Music, Photos) and **firmware updates**. 4. **AV (RCA):** Composite video and stereo audio input. 5. **RF (Tuner):** For analog cable or terrestrial TV signals. 6. **LVDS Header:** 30-pin or 40-pin header to connect the LVDS cable to the screen. 7. **Backlight Inverter Port:** A 6-pin header to enable and dim the LED backlight driver. --- ### 4. Technical Troubleshooting Table | Symptom | Likely Electronic Cause | | :--- | :--- | | **No Power (LED off)** | Blown 12V input fuse or failed 5V buck regulator. | | **Stuck on Standby (Red LED)** | Corrupted SPI Flash firmware or failed 1.2V core regulator. | | **White Screen** | Incorrect Jumper setting (Panel power missing) or bad LVDS cable. | | **No Audio** | Failed Class-D Amp IC or DC blocking capacitors. | ---
    ✨ Follow-up Questions
    • ⤷ How do I update the firmware on a T53_V01 board using a USB drive?
    • ⤷ What are the jumper settings for switching between 5V and 12V panel power?
    • ⤷ Which LVDS cable is compatible with a 1366x768 resolution panel for this board?