T6613-R12
AI

The **T6613-R12** is a high-performance CO2 sensor module developed by Amphenol (formerly GE Sensing / Telaire). It is primarily designed for Indoor Air Quality (IAQ) monitoring and HVAC control systems.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Detection Method** | Non-Dispersive Infrared (NDIR) |
| **Measurement Range** | 0 to 2,000 ppm (standard) |
| **Accuracy** | ±30 ppm or 3% of reading (whichever is greater) |
| **Operating Voltage** | 5.0 VDC ± 5% |
| **Peak Current** | 190 mA |
| **Average Current** | < 50 mA |
| **Output Interface** | UART (Modbus) and I2C |
| **Dimensions** | 57.15 mm x 34.67 mm x 15.24 mm |
---
### 2. Electronic Hardware Components
The T6613-R12 is an integrated module consisting of several critical electronic sub-systems:
#### A. NDIR Optical Bench
This is the "heart" of the sensor. It contains:
* **Infrared Source:** A micro-lamp that emits IR light.
* **Optical Filter:** A narrow bandpass filter tuned to 4.26 µm (the absorption wavelength of CO2).
* **IR Detector:** A thermopile or pyroelectric detector that measures the intensity of light passing through the gas chamber.
#### B. Microcontroller (MCU)
The module features an onboard MCU that performs the following tasks:
* **Signal Processing:** Converts the analog voltage from the IR detector into a digital value.
* **Calibration Logic:** Runs the **ABC Logic™** (Automatic Background Calibration) algorithm to correct for long-term drift.
* **Communication:** Handles the I2C or UART protocols to talk to a master device (like an Arduino or PLC).
#### C. Power Management Circuitry
Since the IR source requires significant peak current (190mA) during a pulse, the board includes capacitors and voltage regulators to stabilize the power delivery and protect the logic circuits from noise.
---
### 3. Connection Pinout (Typical)
The T6613-R12 uses a 12-pin interface (though not all pins are used in every application):
1. **V+**: 5V Power Supply.
2. **V-**: Ground.
3. **AV Output:** Analog voltage output (0-4V).
4. **I2C SCL:** Serial Clock for I2C communication.
5. **I2C SDA:** Serial Data for I2C communication.
6. **UART TX:** Transmit for Serial communication.
7. **UART RX:** Receive for Serial communication.
---
### 4. Key Electronic Features
* **ABC Logic™:** This is a proprietary firmware feature. It tracks the lowest CO2 levels over a 14-day period and assumes these levels represent outside air (~400ppm), automatically re-calibrating the sensor to prevent sensor aging drift.
* **Digital Communication:** Unlike simple analog sensors, the T6613-R12 provides robust digital data, making it less susceptible to electromagnetic interference (EMI).
---
- ⤷
How do I interface the T6613-R12 with an Arduino using I2C?
- ⤷ What is the difference between the T6613 and the T6713 models?
- ⤷ How does ABC Logic handle environments that are occupied 24/7?