Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • T7143LA55J

  • AI
    The **T7143LA55J** is a high-speed Dual-Port Static RAM (SRAM) integrated circuit, typically manufactured by Integrated Device Technology (IDT), which is now part of Renesas Electronics. --- ### 1. Technical Specifications The part number can be broken down to understand its primary electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Memory Type** | Dual-Port Static RAM (SRAM) | | **Density** | 32K bits (2K x 16 configuration) | | **Speed (Access Time)** | 55 nanoseconds (ns) | | **Package Type** | PLCC (Plastic Leaded Chip Carrier) | | **Pin Count** | 68-pin | | **Operating Voltage** | 5.0V (Typical) | --- ### 2. Core Electronic Components & Architecture The internal circuitry of the T7143LA55J is designed for simultaneous communication between two independent buses. #### A. Dual-Port Memory Cell Unlike standard RAM, this chip features specialized memory cells with two sets of address, data, and control lines. This allows two different processors or systems to read from or write to the same memory location at the same time without interfering with each other (unless writing to the same address). #### B. Arbitration Logic To prevent data corruption during simultaneous writes, the chip includes: * **Busy Logic:** Signals to the system when a port is currently being accessed by the other port. * **Interrupt Logic:** Facilitates communication between the two ports/processors (Mailbox signaling). #### C. Control Signals The chip utilizes standard SRAM control pins for both the Left and Right ports: * **CE (Chip Enable):** Activates the port. * **R/W (Read/Write):** Determines the data direction. * **OE (Output Enable):** Manages data output buffers. * **UB/LB (Upper Byte/Lower Byte):** Allows 8-bit or 16-bit data operations. --- ### 3. Application Use Cases Because of its ability to bridge two different systems, the T7143LA55J is used in specific electronic environments: 1. **Multiprocessor Systems:** Acting as a "buffer" or shared memory space between two CPUs. 2. **Digital Signal Processing (DSP):** Moving high-speed data between a DSP and a general-purpose controller. 3. **Network Buffering:** Managing data flow between different network interfaces. 4. **Legacy Industrial Equipment:** Common in older industrial automation and telecommunications hardware. --- ### 4. Comparison Table: Speed Grades The "55" in the part number indicates the speed. Here is how it compares to other variations in the series: | Part Number | Speed Grade | Performance Level | | :--- | :--- | :--- | | T7143LA20J | 20ns | High Speed / High Power | | T7143LA35J | 35ns | Medium Speed | | **T7143LA55J** | **55ns** | **Standard Speed / Lower Power** |
    ✨ Follow-up Questions
    • ⤷ What are the pinout differences between the PLCC and TQFP versions of this chip?
    • ⤷ How does the 'Busy' logic prevent data collisions in this SRAM?
    • ⤷ Are there modern pin-compatible replacements for the T7143 series?