Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • T80C5112-RKFEV

  • AI
    ## Electronic Analysis of T80C5112-RKFEV The **T80C5112-RKFEV** is a high-performance member of the 80C51 microcontroller family, originally developed by Atmel (now part of Microchip Technology). This specific variant is often utilized in industrial and automotive applications due to its robust architecture and integrated peripherals. ### Core Specifications | Feature | Specification | | :--- | :--- | | **CPU Core** | 8-bit C51 Core (Enhanced 8051) | | **Architecture** | CISC (Complex Instruction Set Computer) | | **Flash Memory** | 8 KB (Internal Program Memory) | | **RAM** | 256 Bytes (Internal Data Memory) | | **Maximum Frequency** | Up to 40 MHz (at 5V) | | **Supply Voltage** | 2.7V to 5.5V | | **Package Type** | VQFP44 / PLCC44 | --- ### Key Electronic Components & Subsystems #### 1. Power Management & Operating Modes The device is designed for low-power efficiency. It includes two software-selectable power reduction modes: * **Idle Mode:** CPU freezes while peripherals (Timers, UART) continue to function. * **Power-Down Mode:** RAM contents are saved, the oscillator stops, and all functions are suspended until a hardware reset or external interrupt occurs. #### 2. Advanced Peripherals The "12" series signifies specific hardware enhancements over the standard 8051: * **Programmable Counter Array (PCA):** This is a specialized timer system used for high-speed output, pulse width modulation (PWM), and capture/compare functions without heavy CPU overhead. * **Hardware Watchdog Timer (WDT):** Provides a safety mechanism to reset the controller in the event of a software hang or glitch. * **Full Duplex UART:** Standard serial communication port for interfacing with RS-232, RS-485, or other microcontrollers. #### 3. Instruction Timing (X2 Mode) A critical feature of this electronic part is the **X2 Mode**. Standard 8051s require 12 clock cycles per instruction machine cycle. The T80C5112 allows a "By 6" mode, effectively doubling the performance at the same external crystal frequency, reducing EMI (Electromagnetic Interference) by allowing lower crystal speeds for the same throughput. #### 4. I/O Structure * **Ports:** Contains 32 programmable I/O lines (4 ports of 8 bits). * **Interrupts:** Features a 6-source, 2-priority level interrupt system to handle real-time external events. --- ### Pinout Configuration (Common VQFP44) ```text Pin Range | Function ----------|----------------------------------------- 1 - 10 | Port 1 (P1.0 - P1.7) / PCA Inputs 11 - 15 | Control signals (RST, ALE, PSEN) 16 - 25 | Port 3 (P3.0 - P3.7) / UART / Interrupts 26 - 35 | Port 2 (P2.0 - P2.7) / High-order Address 36 - 44 | Port 0 (P0.0 - P0.7) / Data & Low-order Address ``` --- ### Summary of Use Cases The T80C5112-RKFEV is typically found in: * **Automotive Body Electronics:** Mirror controls, lighting, and seat adjustments. * **Industrial Control:** Small PLC modules and sensor hubs. * **Legacy System Upgrades:** Replacing older 8051 chips with a faster, lower-power equivalent.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'RK' and 'RB' suffixes in this part number series?
    • ⤷ How does the X2 mode affect power consumption compared to standard mode?
    • ⤷ Can this microcontroller be programmed via ISP (In-System Programming)?