Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • T80C5112-RKREL

  • AI
    ## T80C5112-RKREL: Technical Overview The **T80C5112-RKREL** is a high-performance 8-bit microcontroller belonging to the 8051 family, originally developed by Atmel (now part of Microchip Technology). It is specifically designed for smart card readers, identification systems, and embedded applications requiring secure data handling. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | 8-bit C51 Core | | **Operating Voltage** | 2.7V to 5.5V | | **Max Frequency** | 16 MHz (at 5V) | | **Flash Memory** | 8 KB | | **RAM** | 256 Bytes | | **EEPROM** | 512 Bytes (Data storage) | | **I/O Pins** | Up to 32 programmable I/O lines | | **Package Type** | VQFP32 / PLCC28 (RKREL specifically refers to Tape & Reel packaging) | --- ### 2. Major Electronic Components & Peripherals The architecture integrates several specialized modules that differentiate it from a standard 8051: #### A. Smart Card Interface (ISO 7816) The primary feature of this chip is its integrated **ISO 7816 UART**. This allows direct communication with smart cards (like credit cards or SIM cards) without needing extensive external circuitry. It handles: * Baud rate generation. * Character repetition and error detection. * Convention management (Direct/Inverse). #### B. Memory Architecture * **Flash Program Memory:** 8KB for storing the application code. * **Internal RAM:** 256 bytes for temporary data and stack. * **Built-in EEPROM:** 512 bytes of non-volatile memory used for storing sensitive information like encryption keys or user IDs that must persist when power is lost. #### C. Power Management Designed for battery-operated or bus-powered devices, it features: * **Idle Mode:** CPU freezes but peripherals remain active. * **Power-down Mode:** Minimum current consumption (micro-amps range). --- ### 3. Pinout Logic and Connectivity The device typically interfaces via the following signal groups: 1. **VCC/GND:** Power supply pins. 2. **XTAL1/XTAL2:** Connections for the external crystal oscillator. 3. **RST:** Reset input. 4. **Port 0-3:** General Purpose I/O (GPIO), some of which are multiplexed with: * **UART:** For standard serial communication. * **Timers/Counters:** Two 16-bit timers for pulse measurement or delays. --- ### 4. Application Use Cases * **Smart Card Readers:** USB or serial-based readers for secure login. * **Access Control:** Keycard entry systems for buildings. * **Electronic Purses:** Handheld terminals for payment processing.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the T80C5112 and a standard AT89C51?
    • ⤷ How is the ISO 7816 interface programmed in this microcontroller?
    • ⤷ What is the significance of the 'RKREL' suffix in terms of manufacturing?