T89C51CC02CA-RATIM
AI

## Overview of T89C51CC02CA-RATIM
The **T89C51CC02CA-RATIM** is a high-performance 8-bit microcontroller from the 8051 family, originally developed by Atmel (now part of Microchip). It is specifically designed for automotive and industrial applications, featuring an integrated **CAN (Controller Area Network)** controller.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Core** | 8051 Architecture (C51) |
| **Flash Memory** | 16 KB (Internal program memory) |
| **RAM** | 512 Bytes (256 bytes internal + 256 bytes expanded) |
| **EEPROM** | 2 KB (Data storage) |
| **Max Frequency** | 40 MHz (at 5V) |
| **Operating Voltage** | 3.0V to 5.5V |
| **Package Type** | VQFP32 (32-pin Quad Flat Pack) |
| **Temperature Range** | -40°C to +85°C (Industrial/Automotive) |
---
### 2. Specialized Electronic Subsystems
The "CC" in the part number signifies **CAN Controller**, which is the most critical electronic component of this chip.
#### A. CAN 2.0B Controller
* **Full CAN Support:** Handles both standard (11-bit) and extended (29-bit) identifiers.
* **Message Objects:** Contains 4 dedicated message objects (MOb) for independent data handling.
* **Hardware Filtering:** Built-in acceptance filters reduce CPU load by ignoring irrelevant bus traffic.
#### B. Memory Architecture
* **In-System Programming (ISP):** Allows the firmware to be updated without removing the chip from the PCB.
* **In-Application Programming (IAP):** Enables the software to modify its own Flash memory during execution.
* **Bootloader:** Contains a built-in ROM bootloader for UART or CAN programming.
#### C. Peripheral Set
* **ADC:** 10-bit resolution with an 8-channel multiplexer.
* **PCA (Programmable Counter Array):** Supports PWM (Pulse Width Modulation), high-speed output, and capture/compare functions.
* **Timers:** Three 16-bit timers/counters.
* **UART:** Standard full-duplex serial port for RS-232/RS-485 communication.
* **SPI:** High-speed synchronous data transfer.
---
### 3. Part Number Breakdown (Suffix Meaning)
Understanding the suffix **-RATIM** is crucial for sourcing and manufacturing:
* **RA:** Indicates the specific revision or ROM/Flash density variant.
* **T:** Refers to the Temperature range (typically Industrial, -40°C to +85°C).
* **I:** Refers to the Package code (VQFP).
* **M:** Usually indicates "Moisture Sensitivity Level" or "Lead-Free/Green" compliance in specific Atmel nomenclature.
---
### 4. Typical Application Circuit Components
To use this chip, you typically need the following external electronic parts:
1. **Crystal Oscillator:** 12MHz to 40MHz crystal with two 22pF ceramic capacitors.
2. **CAN Transceiver:** A chip like the **TJA1050** or **MCP2551** is required to interface the logic-level CAN pins of the T89C51 to the physical CAN bus wires.
3. **Decoupling Capacitors:** 0.1µF ceramic capacitors near the VCC/GND pins to filter high-frequency noise.
- ⤷
What are the pinout differences between the VQFP32 and PLCC28 versions of this chip?
- ⤷ How do I configure the CAN bootloader for initial programming?
- ⤷ What is the power consumption of the T89C51CC02 in Idle vs Power-down mode?