AI

The **TAS126K035P1F** is a specific electronic component identifier, typically representing a high-reliability **Tantalum Capacitor**. Below is a detailed breakdown of its specifications, naming conventions, and typical applications.
---
## 1. Component Identification
This part number follows a standard coding system for tantalum capacitors (often associated with manufacturers like Vishay or Cornell Dubilier).
### Part Number Breakdown
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **TAS** | Series | Tantalum, Axial Lead, Hermetically Sealed |
| **126** | Capacitance Code | 12 + 6 zeros (in pF) = 12,000,000 pF = **12 µF** |
| **K** | Tolerance | **±10%** |
| **035** | Voltage | **35 Volts DC** |
| **P1F** | Packaging/Case | Case size and Lead configuration (typically Case C or D) |
---
## 2. Technical Specifications
The TAS series is known for its ruggedness and stability under extreme conditions.
* **Capacitance:** 12 µF
* **Voltage Rating:** 35V DC (Surge voltage is usually ~46V)
* **Tolerance:** ±10%
* **Operating Temperature:** -55°C to +125°C (with voltage derating above 85°C)
* **Construction:** Solid Tantalum electrolyte, hermetically sealed in a metal case.
* **Form Factor:** Axial leads (through-hole).
---
## 3. Key Features and Advantages
* **Hermetic Seal:** The metal "can" prevents the entry of moisture and the leakage of electrolytes, ensuring a very long shelf life and operational life.
* **Stability:** Tantalum capacitors are much more stable over time and temperature compared to standard Aluminum Electrolytic capacitors.
* **Low Leakage:** It exhibits very low DC leakage current, which is critical for timing circuits or battery-powered devices.
* **Military/Industrial Grade:** These parts are often designed to meet or exceed MIL-PRF-39003 standards.
---
## 4. Typical Applications
Due to its reliability, the TAS126K035P1F is commonly found in:
1. **Aerospace & Defense:** Power supplies for avionics and communication gear.
2. **Industrial Controls:** Long-term filtering in harsh environments.
3. **Medical Electronics:** Equipment requiring high stability and "set-and-forget" reliability.
4. **Audio Gear:** High-end signal coupling where low distortion and leakage are required.
---
## 5. Equivalent/Substitution Considerations
If searching for a replacement, ensure the following parameters match or exceed the original:
* **Voltage:** Can be higher than 35V, but never lower.
* **ESR (Equivalent Series Resistance):** Solid tantalum has specific ESR profiles; check if your circuit is sensitive to this.
* **Polarity:** These are **polarized** components. Incorrect installation will result in catastrophic failure (explosion/fire).
- ⤷
What are the safety risks associated with tantalum capacitor failure?
- ⤷ How does voltage derating affect the lifespan of a 35V tantalum capacitor?
- ⤷ What is the difference between axial and radial tantalum capacitors in terms of PCB mounting?