TAS823K035P1A
AI

The **TAS823K035P1A** is a specific part number for a high-performance tantalum capacitor. It is designed for applications requiring high stability, reliability, and volumetric efficiency.
---
### 1. Part Number Decomposition
To understand the electronic characteristics, we can break down the alphanumeric code:
| Segment | Value | Meaning |
| :--- | :--- | :--- |
| **TAS** | Series | Tantalum Hermetically Sealed Axial Capacitor |
| **823** | Capacitance | 82,000 pF (or **0.082 µF**) |
| **K** | Tolerance | **±10%** |
| **035** | Voltage | **35 Volts** DC |
| **P** | Case Size | Specific physical dimensions (Axial leaded) |
| **1A** | Packaging/Finish | Standard commercial or military-style finish |
---
### 2. Key Technical Specifications
The TAS series is often used in aerospace, military, and high-end industrial circuits due to its robust construction.
* **Dielectric Material:** Tantalum Pentoxide ($Ta_2O_5$).
* **Form Factor:** Axial-leaded (leads come out of both ends).
* **Operating Temperature:** Typically $-55^\circ C$ to $+125^\circ C$.
* **Leakage Current:** Very low, making it ideal for timing or coupling circuits.
* **Stability:** Highly stable capacitance across temperature and voltage fluctuations compared to ceramic (MLCC) or aluminum electrolytic capacitors.
---
### 3. Applications and Use Cases
Because of its hermetic seal and tantalum chemistry, this part is used in environments where failure is not an option:
1. **Filtering:** Smoothing power supply rails in low-noise environments.
2. **Coupling/Decoupling:** Blocking DC while allowing AC signals to pass in audio or RF stages.
3. **Timing Circuits:** Used in RC networks where precise capacitance values are needed over time.
4. **Harsh Environments:** The hermetic seal protects the internal electrolyte from drying out or reacting with high humidity.
---
### 4. Comparison with Other Capacitors
| Feature | Tantalum (TAS) | Aluminum Electrolytic | Ceramic (MLCC) |
| :--- | :--- | :--- | :--- |
| **Size** | Very Compact | Large | Smallest |
| **Longevity** | Excellent (No drying) | Fair (Dries over time) | Excellent |
| **ESR** | Low | High | Very Low |
| **Reliability** | High | Standard | High |
---
- ⤷What is the typical lifespan of a hermetically sealed tantalum capacitor compared to an aluminum one?
- ⤷ Are there specific polarity requirements for the TAS823K035P1A?
- ⤷ What are the common alternatives if this specific axial part is out of stock?