TAS825K035P1F
AI

### Overview of TAS825K035P1F
The **TAS825K035P1F** is a specific part number for a Tantalum Capacitor. These components are widely used in electronics for power supply decoupling, filtering, and energy storage due to their high stability and volumetric efficiency.
---
### Technical Specifications
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Capacitance** | 8.2 µF | The amount of electrical charge stored. |
| **Tolerance** | ±10% (K) | The allowable variance from the nominal capacitance. |
| **Voltage Rating** | 35 VDC | The maximum continuous DC voltage the part can handle. |
| **Dielectric Material** | Tantalum | Known for high reliability and long life. |
| **Package Type** | Axial Lead | Through-hole mounting with leads extending from each end. |
| **Polarity** | Polarized | Must be installed correctly to avoid component failure. |
---
### Part Number Breakdown
Understanding the nomenclature helps identify the component's characteristics:
* **TAS**: Series identifier (usually representing Hermetically Sealed Tantalum Capacitors).
* **825**: Capacitance code. The first two digits (82) are the significant figures, and the third (5) is the multiplier ($10^5$ pF). $8,200,000\text{ pF} = 8.2\text{ µF}$.
* **K**: Tolerance code ($\pm 10\%$).
* **035**: Voltage rating ($35\text{ Volts}$).
* **P1F**: Packaging/Case size and lead finish indicators.
---
### Typical Applications
These capacitors are often found in high-reliability environments:
1. **Industrial Controls:** Used in timing circuits and filtering where stability over temperature is required.
2. **Military/Aerospace:** Due to the hermetic seal, they resist moisture and environmental degradation.
3. **Audio Processing:** Used in signal paths for their low leakage characteristics compared to standard aluminum electrolytics.
4. **Power Management:** Providing steady voltage rails in DC-DC converters.
---
### Critical Precautions
> **Warning:** Tantalum capacitors are sensitive to reverse voltage and over-voltage. Exceeding the 35V rating or reversing polarity can lead to a "thermal runaway" event, potentially causing the component to catch fire or explode. Always ensure the positive lead (usually marked with a '+' or a beveled edge) is connected to the higher potential side of the circuit.
---
- ⤷
What is the equivalent series resistance (ESR) for this specific tantalum capacitor?
- ⤷ How does an axial lead package compare to a surface mount (SMD) package in terms of performance?
- ⤷ Are there any specific derating guidelines recommended for 35V tantalum capacitors?