TC1213A-R33N
AI

The **TC1213A-R33N** is a specific surface-mount electronic component, typically categorized as a **High-Current Power Inductor**. These parts are commonly used in DC-DC converters and power management modules.
---
### 1. Key Technical Specifications
Based on the standard nomenclature for this series, here are the technical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.33 µH (Microhenries) |
| **Tolerance** | ±30% (indicated by 'N') |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Material Core** | Carbonyl Powder / Composite Alloy |
| **Shielding** | Shielded (Low EMI) |
---
### 2. Physical Characteristics
The "1213" in the part number usually refers to the physical dimensions of the component.
* **Form Factor:** Often indicates a footprint of approximately **12mm x 13mm** (though exact heights can vary by manufacturer).
* **Construction:** These are "molded" inductors. The wire coil is placed inside a mold, and a magnetic metal powder is pressed around it. This design provides high saturation currents and minimizes acoustic noise.
---
### 3. Functional Features
* **High Saturation Current ($I_{sat}$):** Designed to handle high peaks of current without the magnetic core losing its inductive properties.
* **Low DCR (DC Resistance):** Uses thick copper wire to minimize energy loss as heat, increasing the efficiency of the power supply.
* **Soft Saturation:** Unlike ferrite cores that lose inductance sharply, these composite cores have a "soft" roll-off, making them safer for voltage regulator circuits.
---
### 4. Common Applications
This part is typically found in high-demand power environments:
1. **Voltage Regulator Modules (VRM):** For CPUs and GPUs in servers or gaming PCs.
2. **Point of Load (POL) Converters:** Used to step down voltages on complex motherboards.
3. **Battery Powered Systems:** High-efficiency DC-DC conversion to prolong battery life.
4. **Distributed Power Systems:** Handling high current at low voltages.
---
- ⤷
What is the maximum current rating for the TC1213A-R33N?
- ⤷ How does a shielded inductor differ from an unshielded one in EMI performance?
- ⤷ Can you provide a cross-reference for an equivalent part from another manufacturer?