TC1304-AO2EMF
AI

The **TC1304-AO2EMF** is a high-efficiency power management integrated circuit (PMIC) manufactured by **Microchip Technology**. It belongs to the TC1304 series, which combines a step-down (Buck) switching regulator and a Low Dropout (LDO) linear regulator.
---
## 1. Core Component Breakdown
The device is designed for battery-powered applications where multiple voltage rails and space-saving are critical.
| Feature | Specification / Detail |
| :--- | :--- |
| **Buck Regulator Output** | Typically provides high current for the main processor or core logic. |
| **LDO Regulator Output** | Provides a low-noise voltage rail for sensitive analog components. |
| **Input Voltage Range** | 2.7V to 5.5V (Ideal for Li-Ion or 3-cell NiMH batteries). |
| **Switching Frequency** | 2.0 MHz (Allows the use of small ceramic capacitors and inductors). |
| **Package Type** | 10-Pin DFN (3x3 mm), indicated by the "MF" suffix. |
---
## 2. Part Number Decoder: AO2EMF
To understand the specific electronic characteristics of this variant, we must decode the suffix:
* **TC1304**: Base series (500mA Buck + 300mA LDO + Power Good output).
* **AO**: This designates the fixed output voltage combination.
* **Channel 1 (Buck):** 3.3V
* **Channel 2 (LDO):** 1.8V
* **2**: Sequence/Feature variant (specifically relates to the Power Good delay or specific enable logic).
* **E**: Temperature Grade (-40°C to +85°C).
* **MF**: Plastic Dual Flat, No-lead (DFN) package.
---
## 3. Key Electronic Characteristics
### Power Conversion
* **Buck Efficiency:** Up to 95%, which extends battery life by minimizing heat dissipation.
* **LDO Dropout:** Very low dropout voltage (typically 150mV at 200mA), allowing the LDO to remain in regulation even as the battery voltage drops.
### Protection & Monitoring
* **Power Good (PG) Output:** An open-drain output that monitors the output voltage of the Buck regulator. It transitions high when the output is within 94% of the regulation value.
* **Over-temperature Protection:** Internal thermal shutdown circuitry protects the device during over-current or high-ambient temperature conditions.
* **Under-voltage Lockout (UVLO):** Prevents the device from operating at insufficient input voltages to ensure stable startup.
---
## 4. Typical Application Circuit
```mermaid
graph LR
Vin[Input 5V] --> Buck[Buck Converter 3.3V @ 500mA]
Vin --> LDO[LDO Regulator 1.8V @ 300mA]
Buck --> Logic[System CPU]
LDO --> Analog[Sensors/RF]
Logic --> PG[Power Good Signal]
```
---
- ⤷
What are the inductor requirements for the 2.0 MHz switching frequency of this chip?
- ⤷ How does the Power Good (PG) pin behave during a brownout condition?
- ⤷ Are there adjustable versions of the TC1304 available instead of fixed voltages?