Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • TC7109CLW

  • AI
    ## Overview of the TC7109CLW The **TC7109CLW** is a high-performance, low-power **12-bit plus sign Analog-to-Digital Converter (ADC)**. It is specifically designed to interface easily with microprocessors and is commonly used in digital measurement systems. The "CLW" suffix typically refers to the package type, which is the **44-pin PLCC (Plastic Leaded Chip Carrier)**. --- ### Core Specifications | Feature | Specification | | :--- | :--- | | **Resolution** | 12-Bit + Sign bit (Binary) | | **Architecture** | Dual-Slope Integrating ADC | | **Supply Voltage** | Typical $\pm$5V or Single 5V | | **Power Consumption** | Low (approx. 700 $\mu$A) | | **Input Impedance** | $10^{12}$ Ohms (Typical) | | **Interface** | 8-bit Tri-state Parallel Output | --- ### Key Electronic Functional Blocks 1. **Dual-Slope Integrator:** The device uses a dual-slope conversion technique. This provides high noise rejection (especially at 50/60Hz) and ensures excellent stability over time and temperature. 2. **Auto-Zero Phase:** Before every conversion, the device internally offsets the error to zero. This eliminates the need for external zero-adjustment potentiometers. 3. **Digital Interface (Handshake):** The TC7109CLW features a "Handshake" mode, allowing it to signal a microprocessor when data is ready. It outputs data in two bytes (High byte and Low byte) through a 8-bit bus. 4. **Reference Voltage:** It requires an external reference voltage (typically 2.048V or 1.024V) to define the full-scale input range. --- ### Pin Configuration (Common Functions) | Pin Category | Description | | :--- | :--- | | **Analog Inputs** | `IN HI`, `IN LO` - Differential inputs for the signal to be measured. | | **Reference** | `REF IN`, `REF OUT` - Connection for the voltage reference. | | **Digital Outputs** | `B1-B12` - Data bits; `POL` - Polarity bit; `OR` - Overrange bit. | | **Control** | `RUN/HOLD`, `STATUS`, `LBEN` (Low Byte Enable), `HBEN` (High Byte Enable). | --- ### Typical Applications * **Data Acquisition Systems:** Interfacing sensors to microcontrollers. * **Digital Voltmeters (DVM):** High-accuracy portable measurement tools. * **Process Control:** Monitoring industrial parameters like temperature or pressure where high noise immunity is required. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the TC7109 and the ICL7106/7107 series?
    • ⤷ How does the 'Handshake Mode' work when interfacing with a microcontroller?
    • ⤷ Can the TC7109CLW operate on a single 5V power supply?