TC7SL02F
AI

### TC7SL02F: Electronic Component Overview
The **TC7SL02F** is a high-speed CMOS 2-input NOR gate manufactured by Toshiba. It is part of the "TC7SL" series, which is designed to operate at low voltages while maintaining compatibility with standard logic levels.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Logic Function** | 2-Input NOR Gate |
| **Technology** | Silicon Gate CMOS |
| **Operating Voltage ($V_{CC}$)** | 1.0V to 3.6V |
| **Output Current ($I_{OH}/I_{OL}$)** | ±1 mA (at $V_{CC}$ = 3.0V) |
| **Propagation Delay ($t_{pd}$)** | 20ns (typical at 3.0V) |
| **Package Type** | SSOP5 (SOT-353/SMV) |
| **Operating Temperature** | -40°C to 85°C |
---
### 2. Pin Configuration (SSOP5)
The device is housed in a small 5-pin package, making it ideal for compact electronic designs.
| Pin Number | Symbol | Function |
| :---: | :--- | :--- |
| 1 | IN B | Input B |
| 2 | IN A | Input A |
| 3 | GND | Ground (0V) |
| 4 | OUT Y | Output Y |
| 5 | $V_{CC}$ | Power Supply |
---
### 3. Logic Functionality
The NOR gate follows the logic equation: $Y = \overline{A + B}$. The output is **HIGH** only when both inputs are **LOW**.
**Truth Table:**
| Input A | Input B | Output Y |
| :---: | :---: | :---: |
| L | L | H |
| L | H | L |
| H | L | L |
| H | H | L |
---
### 4. Distinctive Features
* **Low Voltage Operation:** Optimized for battery-powered devices (1.0V to 3.6V range).
* **High Input Impedance:** Minimal current draw from the signal source.
* **Ultra-Small Footprint:** The SSOP5 (SMV) package saves significant PCB space compared to traditional DIP or SOIC packages.
* **Power-Down Protection:** Inputs are tolerant to voltages up to 3.6V even when $V_{CC}$ is 0V, preventing current backflow.
---
### 5. Common Applications
* **Mobile Devices:** Smartphones, tablets, and wearables where space and power consumption are critical.
* **Signal Gating:** Enabling or disabling digital signals based on specific conditions.
* **Logic Inversion:** Can be used as a simple inverter if one input is tied to Ground.
* **Level Shifting:** Interfacing between different low-voltage logic domains.
- ⤷
What is the difference between the TC7SL series and the standard TC74HC series?
- ⤷ Can the TC7SL02F be used in 5V logic systems?
- ⤷ What are the soldering precautions for the SSOP5 package?