TC7SL08FU
AI

The **TC7SL08FU** is a high-speed CMOS 2-input AND gate manufactured by Toshiba. It belongs to the **7SL series**, which is designed for low-voltage operation while maintaining high speed and low power consumption.
---
### 1. General Specifications
The TC7SL08FU is essentially a single logic gate housed in a very small package, making it ideal for space-constrained circuit designs.
| Feature | Specification |
| :--- | :--- |
| **Logic Type** | AND Gate |
| **Number of Inputs** | 2 |
| **Technology** | CMOS (Low Voltage) |
| **Package Type** | SSOP5 (also known as USV) |
| **Operating Voltage ($V_{CC}$)** | 1.0V to 3.6V |
| **Propagation Delay** | ~3.5 ns (at 3.3V) |
| **Static Power Dissipation** | 10 $\mu$A (Maximum) |
---
### 2. Pin Configuration
The device comes in a 5-pin package. The layout is standardized for single-gate logic devices:
| Pin Number | Symbol | Description |
| :--- | :--- | :--- |
| 1 | IN B | Input B |
| 2 | IN A | Input A |
| 3 | GND | Ground (0V) |
| 4 | OUT Y | Output Y ($A \cdot B$) |
| 5 | $V_{CC}$ | Power Supply |
---
### 3. Logic Functionality
The device performs the Boolean function **$Y = A \cdot B$**. The output is "High" only when both inputs are "High."
**Truth Table:**
| Input A | Input B | Output Y |
| :---: | :---: | :---: |
| L | L | L |
| L | H | L |
| H | L | L |
| H | H | H |
---
### 4. Key Electronic Characteristics
* **Low Voltage Operation:** Unlike standard 74HC series (which usually start at 2V), the 7SL series can operate as low as **1.0V**, making it compatible with modern low-power microcontrollers.
* **High Speed:** Despite the low voltage, it maintains switching speeds comparable to high-speed CMOS logic.
* **Input Tolerance:** It features high-speed performance with low power dissipation, utilizing a silicon-gate CMOS structure.
* **Output Drive:** Capable of driving standard CMOS loads; however, it is not intended for high-current driving (like LEDs) without a buffer.
---
### 5. Common Applications
* **Signal Gating:** Used to enable or disable a clock signal or data line based on a control bit.
* **Handheld Devices:** Due to the SSOP5 package and low voltage range, it is found in smartphones, tablets, and wearable tech.
* **Logic Level Shifting:** Can be used in simple interface circuits between components operating at slightly different low-voltage rails.
- ⤷
What are the differences between the TC7SL series and the standard 74HC series?
- ⤷ Can the TC7SL08FU handle 5V logic inputs?
- ⤷ What is the physical size of the SSOP5 (USV) package?