TCDA1312-R33M
AI

The **TCDA1312-R33M** is a high-current, surface-mount (SMD) molded power inductor, typically utilized in DC-DC converter applications. It belongs to a category of "Metal Composite" inductors designed for stability and high efficiency in high-frequency power circuits.
---
### 1. Key Technical Specifications
Below are the typical parameters for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.33 µH (Microhenries) |
| **Tolerance** | ±20% (indicated by 'M') |
| **Case Size** | 1312 (Approx. 13.5mm x 12.5mm) |
| **DC Resistance (DCR)** | Extremely Low (typically < 1.0 mΩ) |
| **Saturation Current (Isat)** | High (often > 50A depending on specific series) |
| **Operating Temperature** | -40°C to +125°C (Standard) |
---
### 2. Composition and Design
The "TCDA" series usually features a **Metal Alloy Powder** core. This construction provides several advantages over traditional ferrite cores:
* **Soft Saturation:** Unlike ferrite inductors that drop inductance sharply when current limits are exceeded, these molded inductors have a gradual saturation curve.
* **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) with surrounding components.
* **Physical Durability:** The solid molded body is highly resistant to mechanical shock and vibration.
---
### 3. Part Number Breakdown
The nomenclature can be interpreted as follows:
1. **TCDA:** Series code (Molded Power Inductor, often AEC-Q200 qualified for automotive use).
2. **1312:** Physical dimensions (roughly 13.5mm length x 12.6mm width).
3. **R33:** Inductance value ($R$ acts as a decimal point). $0.33$ µH.
4. **M:** Tolerance code ($M = \pm20\%$).
---
### 4. Common Applications
Due to its low inductance and high current handling, it is primarily found in:
* **Voltage Regulator Modules (VRMs):** Used in CPU and GPU power delivery.
* **High-speed DC-DC Converters:** For telecommunications and industrial servers.
* **Automotive Electronics:** Powering infotainment or ADAS systems (if AEC-Q200 rated).
- ⤷
What are the specific saturation current limits for the TCDA1312-R33M?
- ⤷ How does a metal composite inductor compare to a ferrite inductor in terms of EMI?
- ⤷ What are the recommended soldering profiles for 1312 size SMD inductors?