AI

The **TCS-02-R/CE** is a specialized temperature control switch (thermostat) typically used in industrial automation, HVAC systems, or cabinet cooling. Based on common industry specifications for this model series, here is a breakdown of its electronic components and characteristics.
### 1. Technical Specifications Overview
The TCS series is designed for rail mounting (DIN rail) and provides precise thermal management.
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | Typically 110V - 230V AC (Standard) |
| **Contact Type** | Change-over (SPDT) or Normally Open (NO) / Normally Closed (NC) |
| **Switching Capacity** | 10A (Resistive) / 2A (Inductive) |
| **Adjustment Range** | Variable (often 0°C to +60°C or -10°C to +80°C) |
| **Mounting** | 35mm DIN Rail |
| **Compliance** | CE Marked (European Safety Standards) |
---
### 2. Core Electronic Components
The device is an electromechanical or electronic hybrid assembly consisting of the following key parts:
#### A. Sensing Element (The Thermistor/Bimetal)
* **Bimetallic Strip:** In mechanical versions, two metals with different expansion rates bend to trigger the switch.
* **NTC/PTC Sensor:** In "Electronic" versions (indicated by the 'E' in some suffixes), a Thermistor is used to measure resistance changes relative to temperature for higher accuracy.
#### B. The Relay (Switching Logic)
* The **"R"** in the part number often signifies a **Relay output**.
* When the sensed temperature crosses the set threshold, a physical relay coil is energized or de-energized, opening or closing the electrical circuit.
#### C. Potentiometer (Adjustment Dial)
* A variable resistor (potentiometer) is located behind the front dial. This allows the user to set the "Set Point." In electronic models, this adjusts the reference voltage for the comparator circuit.
#### D. Terminal Blocks
* **Screw Terminals:** High-quality copper alloy terminals designed to accept 0.5mm² to 2.5mm² wiring.
* **Configuration:** Usually labeled as Line (L), Neutral (N), and the Load outputs (Common, NO, NC).
---
### 3. Circuit Operation (Internal Logic)
The electronic logic of the TCS-02-R follows this simplified flow:
1. **Detection:** The sensor detects the ambient temperature.
2. **Comparison:** The internal circuit compares the sensor's signal against the value set on the dial.
3. **Hysteresis Management:** To prevent "chattering" (rapid on/off switching near the set point), the device has a built-in switching differential (usually 3K to 7K).
4. **Actuation:** The relay flips its contact state to power a heater (if temperature is too low) or a fan (if temperature is too high).
---
### 4. Safety and Environmental Features
* **Housing:** Made of UL94 V-0 flame-retardant plastic.
* **Protection Rating:** Usually IP20 (finger-safe terminals).
* **CE Certification:** Ensures the internal electronics meet electromagnetic compatibility (EMC) and low voltage directives.
- ⤷
What is the specific temperature range for the TCS-02-R model?
- ⤷ How do I wire a cooling fan to the 'Normally Open' contact?
- ⤷ What is the difference between the 'R' and 'CE' designations in the part number?