TCS-05-R/CE
AI

The **TCS-05-R/CE** is a specific electronic component within the **TCS (Terminal Connector System)** series, commonly manufactured by companies like **Takachiho Koheki** or used in specialized industrial sensor applications (often associated with temperature control or terminal connectivity).
Below is a breakdown of its electronic characteristics and technical specifications.
---
### 1. General Specifications
The "R/CE" suffix typically denotes specific compliance standards (CE marking) and physical orientation/configuration.
| Feature | Description |
| :--- | :--- |
| **Part Number** | TCS-05-R/CE |
| **Category** | Connector / Terminal System |
| **Pin Count** | 5 Pins (indicated by the "05") |
| **Termination Type** | Screw terminal or crimp (model dependent) |
| **Compliance** | CE (Conformité Européenne) - Meets EU safety/health standards |
| **Orientation** | Right-angle or Rear-mount (indicated by "R") |
---
### 2. Key Electronic Components & Materials
The reliability of the TCS-05-R/CE relies on its internal construction:
* **Contacts:** Usually made of **Phosphor Bronze** or **Copper Alloy** to ensure high conductivity and resistance to fatigue.
* **Plating:** Often **Tin** or **Gold** plating to prevent oxidation and maintain low contact resistance over time.
* **Housing:** High-grade **Thermoplastic (UL94V-0)**, which provides excellent electrical insulation and flame retardancy.
* **Protection Circuitry:** Some "CE" versions include minor transient suppression or shielding to meet Electromagnetic Compatibility (EMC) requirements.
---
### 3. Electrical Ratings
*While specific ratings can vary by the exact manufacturer datasheet, standard TCS-05 series ratings are generally:*
| Parameter | Typical Value |
| :--- | :--- |
| **Rated Voltage** | 250V AC/DC |
| **Rated Current** | 2A - 5A (depending on wire gauge) |
| **Withstanding Voltage** | 1000V AC per minute |
| **Insulation Resistance** | > 1000 MΩ |
| **Operating Temp** | -25°C to +85°C |
---
### 4. Application Areas
This part is commonly found in the following electronic systems:
1. **Industrial Automation:** Connecting PLC units to external sensors.
2. **HVAC Systems:** Used in temperature controller units (like the Delta or Shimaden series) for signal transmission.
3. **Power Supplies:** Serving as an interface for low-voltage control signals.
4. **Test Equipment:** Providing a modular connection for measurement probes.
---
### 5. Identification Code Breakdown
`TCS` - **Series Name** (Terminal Connector System)
`05` - **Number of Circuits** (5 positions)
`R` - **Configuration** (Usually Right-angle or Reverse-type)
`CE` - **Standard** (Certified for the European Economic Area)
- ⤷
What is the exact pitch spacing between the pins for the TCS-05-R/CE?
- ⤷ Does this model support DIN rail mounting?
- ⤷ What are the recommended wire gauge sizes for this connector?