Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • TCS-1A-R/E

  • AI
    The **TCS-1A-R/E** is a specific model within a series of digital counting scales or weighing indicators, typically used in industrial and commercial environments. The "R/E" suffix often denotes specific communication protocols (like RS-232) or external display support. Below is an explanation of its core electronic components and functional architecture. --- ### 1. Internal Electronic Components The device operates using a combination of analog sensing and digital processing electronics. | Component | Description | Function | | :--- | :--- | :--- | | **Load Cell** | High-precision strain gauge | Converts physical weight/pressure into a millivolt (mV) electrical signal. | | **A/D Converter** | Analog-to-Digital Integrated Circuit | Converts the continuous analog signal from the load cell into a high-resolution digital value. | | **Microcontroller (MCU)** | Central Processor | Processes the digital data, handles taring, unit conversion, and drives the display. | | **Power Supply Unit** | AC Transformer / DC Regulator | Converts mains voltage to stable low-voltage DC (usually 5V or 12V) for sensitive electronics. | | **EEPROM** | Non-volatile memory | Stores calibration data and user settings so they aren't lost when powered off. | --- ### 2. Connectivity and Interface (R/E Features) The "R/E" designation usually highlights the communication capabilities of the electronic board: * **RS-232 Port:** A standard serial interface used to connect the scale to a PC, printer, or PLC (Programmable Logic Controller). * **External Display Output:** A dedicated port (often a DIN connector) to mirror the weight reading on a larger, remote scoreboard or customer-facing display. * **Keyboard Matrix:** A tactile membrane switch panel that interfaces with the MCU for user inputs (Zero, Tare, Sample). --- ### 3. Circuit Block Diagram (Simplified) ```mermaid graph LR A[Load Cell] --> B[Signal Amplifier] B --> C[A/D Converter] C --> D[Microprocessor] D --> E[LCD/LED Display] D --> F[RS-232 Interface] G[Power Supply] --> D ``` --- ### 4. Technical Specifications Overview While specific variants may differ, the TCS-1A series generally follows these electronic parameters: * **Excitation Voltage:** Usually 5V DC applied to the load cell. * **Resolution:** Typically 1/3,000 to 1/15,000 depending on calibration settings. * **Signal Input Range:** 0mV to 15mV. * **Battery:** Often includes a lead-acid rechargeable battery (4V/4Ah or 6V/4Ah) for portable use. ---
    ✨ Follow-up Questions
    • ⤷How do I calibrate the TCS-1A-R/E model?
    • ⤷ What are the common error codes for this specific scale series?
    • ⤷ How is the RS-232 pinout configured for PC connection?