TCS-20-R/E
AI

Based on the technical specifications of the **TCS-20-R/E**, this device is an industrial electronic weighing scale controller, often used in bench or floor scale applications. The electronic architecture is designed for precision signal processing and user interface management.
---
### 1. Key Electronic Components
The system is composed of several critical electronic subsystems that work together to convert physical force into a digital readout.
| Component | Function | Description |
| :--- | :--- | :--- |
| **Load Cell (Input)** | Sensor | A strain-gauge transducer that converts mechanical force into a low-voltage analog signal (typically mV/V). |
| **A/D Converter** | Signal Processing | A high-resolution Analog-to-Digital converter (often 20-bit or 24-bit) that digitizes the weak signal from the load cell. |
| **Microcontroller (MCU)** | Processing Unit | The "brain" that performs calibration math, tare calculations, and manages the logic for the display. |
| **Display (LED/LCD)** | Output | Usually a 6-digit high-contrast display (Red LED for the "R" series, sometimes LCD for the "E" series) showing weight, unit, and status. |
| **Power Supply/Battery** | Energy | Includes a transformer for AC input and a charging circuit for a 4V or 6V Lead-Acid rechargeable battery. |
---
### 2. Circuit Architecture
The internal circuitry is generally divided into three main stages:
#### A. Analog Front-End (AFE)
* **Excitation Voltage:** The board provides a stable DC voltage (usually 5V) to the load cell.
* **Filtering:** Capacitors and inductors filter out high-frequency noise from the environment to ensure a stable reading.
#### B. Digital Logic
* **EEPROM:** A small memory chip that stores calibration data and user settings so they are not lost when power is disconnected.
* **Keyboard Matrix:** A simple membrane or tactile switch interface for functions like `TARE`, `ZERO`, and `SET`.
#### C. Output & Communication
* **RS-232 Interface:** Many versions of the TCS-20 include a serial port for connecting to a PC or a thermal printer.
* **Buzzer:** An electronic piezo buzzer for over-limit alarms or button-press feedback.
---
### 3. Technical Specifications Summary
| Feature | Specification |
| :--- | :--- |
| **Accuracy Class** | OIML III |
| **Input Sensitivity** | $\ge$ 1.5uV/e |
| **Load Cell Excitation** | DC 5V |
| **Power Consumption** | $<5$ Watts |
| **Battery Life** | Approx. 30-70 hours (depending on display type) |
---
### 4. Common Maintenance Points
1. **Battery Terminals:** Often prone to corrosion; requires checking for stable voltage.
2. **Calibration Jumper:** An internal physical pin or switch used to enter "Service Mode" for weight adjustment.
3. **Signal Cable:** The 4-wire or 5-wire shielded cable connecting the base to the head is the most common failure point due to physical wear.
- ⤷How do I calibrate the TCS-20-R/E controller?
- ⤷ What are the common error codes for this specific scale model?
- ⤷ Can I replace the internal battery with a Lithium-ion equivalent?