TCS-2B-R/K
AI

The **TCS-2B-R/K** is a specific model within the series of **Temperature Control Switches (TCS)**, widely used in industrial cooling systems, refrigeration, and specialized machinery. This part is typically categorized as a thermal protection or regulation component.
---
### 1. Key Technical Specifications
The "R/K" designation often refers to specific mounting or sensor types (Resistance/K-type thermocouple compatibility). Below are the general electronic parameters for this series:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage** | 100V - 240V AC (Wide range) |
| **Contact Capacity** | 3A to 5A at 250V AC (Resistive load) |
| **Control Type** | ON/OFF Control or Proportioning |
| **Sensor Type** | RTD (Pt100) or Thermocouple (Type K) |
| **Hysteresis** | Adjustable (Fixed in some sub-models) |
| **Mounting Style** | Panel Mount / Rail Mount |
---
### 2. Internal Electronic Components
The device functions through a series of integrated electronic stages:
1. **Input Conditioning:** Uses a bridge circuit (for RTDs) or a cold-junction compensation circuit (for K-type thermocouples) to convert temperature into a voltage signal.
2. **Comparator/Microcontroller:** A central processing chip compares the signal from the sensor against the user-defined set point.
3. **Output Relay:** A mechanical or solid-state relay (SSR) that acts as the switch to power the compressor, heater, or fan.
4. **LED/Display Driver:** Drives the status indicators (Green for Power, Red for Output/Alarm).
---
### 3. Connection Pinout Guide
While pin configurations can vary slightly by manufacturer, the standard electronic layout for the TCS-2B is as follows:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1 - 2** | **Power Supply** | AC Input (Check label for voltage) |
| **3 - 5** | **Output Contacts** | Common, NO (Normally Open), NC (Normally Closed) |
| **6 - 8** | **Sensor Input** | Connection for the Thermocouple or Pt100 probe |
---
### 4. Common Applications
* **Industrial Chillers:** Controlling the cycling of the compressor.
* **Plastic Injection Molding:** Maintaining stable nozzle temperatures.
* **Food Processing:** Regulating heating elements in industrial ovens.
---
- ⤷
What is the specific temperature range supported by the TCS-2B-R/K?
- ⤷ How do I calibrate the sensor input if the reading is inaccurate?
- ⤷ Can this model be used with a Solid State Relay (SSR) output instead of a mechanical relay?