TCS-3E-R/BL
AI

The **TCS-3E-R/BL** is a high-performance industrial-grade color sensor module manufactured by **TOKYO SENSOR** (often integrated into systems by partners like Takex or Seeed). It is primarily used for high-speed color detection and sorting in automated production lines.
---
### 1. Core Electronic Specifications
The "R/BL" designation typically refers to the light source configuration (Red/Blue/Green LEDs) or specific output logic. Below are the standard electronic parameters:
| Feature | Specification |
| :--- | :--- |
| **Supply Voltage** | 12V to 24V DC (±10% ripple) |
| **Current Consumption** | 40mA or less |
| **Light Source** | RGB 3-color LED (Red, Green, Blue) |
| **Output Type** | NPN or PNP Open Collector (depending on wiring) |
| **Response Time** | 1ms or less (High speed) |
| **Control Output** | Max 100mA (at 30V DC) |
| **Sensitivity Adjustment** | 1-turn potentiometer or Teach-in button |
---
### 2. Key Electronic Components
The internal architecture of the TCS-3E-R/BL consists of several critical stages:
#### A. The Optical Emitter
Unlike simple photo-eyes, this unit contains a **tri-color LED array**. It sequentially pulses Red, Green, and Blue light onto the target surface. By measuring the reflection of each specific wavelength, the sensor calculates the exact "color signature."
#### B. The Photodiode Receiver
A high-sensitivity silicon photodiode captures the reflected light. It is paired with an **IR-cut filter** to ensure that infrared heat from the environment does not interfere with the visible color readings.
#### C. Signal Processing Circuitry
* **Transimpedance Amplifier:** Converts the tiny current from the photodiode into a measurable voltage.
* **Comparator Circuit:** Compares the measured RGB ratio against the "taught" or stored reference value.
* **Logic Controller:** Determines if the detected color matches the target within a set tolerance window.
---
### 3. Wiring and Pinout Configuration
The sensor usually employs a standard 4-wire or 5-wire color-coded cable:
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Brown** | +V | Positive Power Supply (12-24V) |
| **Blue** | 0V | Common Ground |
| **Black** | Output | Control Signal (Triggers when color matches) |
| **Pink/White** | Remote Teach | External input for setting target color |
---
### 4. Operational Features
* **Color Registration:** The "R/BL" series is optimized for detecting registration marks on packaging films, even if the background is shiny or metallic.
* **Stability:** Features internal temperature compensation to prevent "drift" in color detection as the factory floor heats up.
* **Protection:** The electronics are usually encased in a resin-filled housing (IP67 rated) to protect against vibration, dust, and moisture.
---
- ⤷
What is the difference between the NPN and PNP output versions for this sensor?
- ⤷ How do you calibrate the TCS-3E for a specific target color?
- ⤷ Can this sensor detect transparent materials or only opaque surfaces?