TCS-5E-R/E
AI

The **TCS-5E-R/E** is a specific series of high-precision, sub-miniature temperature control sensors often utilized in industrial thermal management and consumer electronics protection.
Below is a breakdown of the electronic specifications and characteristics for this component series.
### 1. Technical Specifications
The "TCS" series typically functions as a **snap-action thermostat** or a thermal protector.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Contact Type** | Normally Closed (NC) or Normally Open (NO) |
| **Voltage Rating** | 125V AC / 250V AC |
| **Current Rating** | 5A (standard for 5E series) |
| **Temperature Range** | 50°C to 150°C (depending on model suffix) |
| **Tolerance** | ±5°C |
| **Life Cycle** | ~10,000 cycles |
| **Mounting** | PC Board (PCB) or Lead Wire |
---
### 2. Core Electronic Components
The internal mechanism of the TCS-5E-R/E relies on mechanical-to-electrical conversion:
* **Bimetallic Disc:** The heart of the part. It consists of two bonded metals with different thermal expansion coefficients. At a specific temperature (the "set point"), the disc snaps into a concave or convex shape.
* **Stationary and Movable Contacts:** Usually silver or silver-alloy plated to ensure low contact resistance and prevent oxidation over time.
* **Phenolic/Ceramic Housing:** The "R/E" variants often feature heat-resistant resin or ceramic bodies to provide electrical insulation and structural integrity under high heat.
---
### 3. Suffix Identification (R/E)
In electronic part numbering, suffixes define the physical orientation and material properties:
1. **"R" (Radial/Right Angle):** This usually denotes the lead configuration. A radial lead comes out of the side or bottom in a specific orientation suitable for tight PCB layouts.
2. **"E" (Epoxy/Enhanced):** Often indicates an epoxy-sealed base to prevent moisture ingress or provide higher dielectric strength.
---
### 4. Application Logic
These parts are used as **limit switches** or **safety cut-offs**.
* **Overheat Protection:** In a Normally Closed configuration, the TCS-5E stays closed during normal operation. If the temperature exceeds the limit, the bimetal disc snaps, breaking the circuit and stopping the flow of electricity to the heater or motor.
* **Automatic Reset:** Once the temperature drops below a specific "reset temperature," the disc snaps back, re-establishing the electrical connection.
---
### 5. Schematic Representation
In a circuit diagram, the part is represented as a thermal switch:
```text
(Line In) ----/ ---- (Load)
/
[ Thermal ]
[ Switch ]
```
---
- ⤷What is the specific differential between the trip and reset temperatures for the TCS-5E?
- ⤷ Is there a surface-mount (SMD) version of the TCS series available?
- ⤷ How does the 'R' mounting style affect heat dissipation compared to standard vertical mounting?