AI

The **TCS-70-R** is a specific model of a temperature control switch, typically used in commercial refrigeration, cooling systems, or thermal protection circuits. While "TCS-70-R" often refers to a thermal switch or a specialized thermostat controller, its electronic profile is defined by its switching capacity and sensing mechanism.
---
### 1. Technical Specifications Table
The following table highlights the general electronic characteristics associated with this class of thermal control switches:
| Feature | Description |
| :--- | :--- |
| **Switch Type** | SPST (Single Pole Single Throw) |
| **Contact State** | Normally Closed (NC) or Normally Open (NO) |
| **Voltage Rating** | 125V AC / 250V AC |
| **Current Rating** | 5A to 10A (Depending on specific manufacturer) |
| **Operating Temp** | 70°C (Fixed setpoint) |
| **Housing Material** | Heat-resistant polymer or Ceramic |
| **Terminal Type** | Quick Connect / Solder Tabs |
---
### 2. Key Electronic Components
#### A. Bimetallic Disc
The core electronic "logic" is mechanical. It consists of two bonded metals with different thermal expansion coefficients. At **70°C**, the disc snaps to a different shape, physically moving the contacts to open or close the circuit.
#### B. Contact Points
Usually made of silver alloy or gold-plated copper to minimize electrical resistance and prevent "arcing" during high-voltage switching.
#### C. Internal Resistor (Optional)
In some "R" suffix models (depending on the brand), a small internal heater or resistor might be present to provide thermal feedback, preventing rapid cycling (hunting) of the switch.
---
### 3. Circuit Application
In most electronic designs, the TCS-70-R is wired in series with the power load.
1. **Overheat Protection:** The switch is placed in series with the power supply. If the internal environment hits 70°C, the switch opens, cutting power to prevent component failure.
2. **Cooling Activation:** In a "Normally Open" configuration, hitting 70°C closes the circuit to activate a cooling fan or an alarm buzzer.
---
### 4. Comparison of Variants
| Part Suffix | Function | Use Case |
| :--- | :--- | :--- |
| **-R** | Reset/Reverse | Often indicates a specific reset behavior or reverse logic (NO vs NC). |
| **Standard** | Fixed | Standard thermal cutout. |
- ⤷
What is the difference between the NC and NO versions of this switch?
- ⤷ How do I test a TCS-70-R using a multimeter?
- ⤷ Can this switch be used in DC applications
- ⤷ or is it AC only?