TCS-70-R/CE
AI

The **TCS-70-R/CE** is a specialized electronic component, typically identified as a **high-current terminal block** or a **busbar connector system** often used in industrial power distribution, telecommunications, or battery management systems.
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The "R/CE" suffix usually indicates compliance with European safety standards (CE) and specific mounting or orientation configurations (often "R" for Right-angle or Reverse).
| Feature | Description |
| :--- | :--- |
| **Component Type** | Power Terminal / Busbar Connector |
| **Current Rating** | Typically 70A (Amperes) |
| **Voltage Rating** | 600V AC/DC (Standard Industrial) |
| **Termination Method** | Screw-down or Crimp-on |
| **Housing Material** | High-temperature Thermoplastic (UL94V-0) |
---
### 2. Electronic/Physical Characteristics
The electronic performance of the TCS-70-R/CE is defined by its ability to maintain low resistance under high thermal loads.
* **Contact Resistance:** Engineered to be extremely low (typically <1mΩ) to prevent voltage drops and heat buildup.
* **Dielectric Strength:** Capable of withstanding high-voltage surges without insulation breakdown, usually tested up to 2500V AC.
* **Thermal Dissipation:** The "R" configuration often involves a specific geometry that allows for better airflow or fits into tight enclosures without stressing the copper trace or wire.
---
### 3. Compliance and Standards (The "CE" Factor)
The **CE** marking is critical for the electronic integrity of this part when used in the European Economic Area:
1. **Low Voltage Directive (LVD):** Ensures the part is safe for use within specific voltage ranges.
2. **RoHS Compliance:** The electronic contacts and plating (often Tin or Silver over Copper) are free from lead, mercury, and other hazardous substances.
3. **Mechanical Stability:** The "CE" designation confirms the part can handle vibration and mechanical shock without interrupting the electrical circuit.
---
### 4. Typical Applications
* **Uninterruptible Power Supplies (UPS):** Used to bridge battery banks.
* **Industrial Control Panels:** Acting as the main power input terminal.
* **Telecommunication Racks:** Distributing DC power to various server modules.
---
- ⤷
What is the maximum wire gauge (AWG) supported by the TCS-70-R/CE?
- ⤷ Does this component require specific torque settings for electrical safety?
- ⤷ Are there alternative models with higher current ratings than 70A?