TCS-7B-R/Q
AI

The **TCS-7B-R/Q** typically refers to a high-precision, industrial-grade weighing sensor or a digital load cell module used in electronic platform scales. The "R" and "Q" suffixes often denote specific interface protocols or hardware revisions (such as RS-232 vs. RS-485 communication).
Below is a breakdown of the electronic components and technical specifications.
---
### 1. Core Electronic Components
The device functions as a mechatronic system, converting physical force into a digital signal through the following internal parts:
| Component | Function |
| :--- | :--- |
| **Strain Gauges** | High-precision resistors bonded to the load cell body that change resistance when pressure is applied. |
| **A/D Converter** | A 24-bit high-resolution Analog-to-Digital converter that transforms millivolt signals into digital data. |
| **Microcontroller (MCU)** | Processes the digital signal, handles calibration data, and manages communication protocols. |
| **EEPROM** | Non-volatile memory used to store calibration parameters and zero-point settings. |
| **Communication IC** | Drivers for RS-232 (R-series) or RS-485 (Q-series) serial communication. |
---
### 2. Technical Specifications
The TCS series is characterized by high stability and environmental protection.
* **Accuracy Class:** OIML Class III.
* **Input Voltage:** Typically 5V DC (Excitation).
* **Output Signal:** Digital (Serial) or Analog (mV/V) depending on the specific module integration.
* **Operating Temperature:** -10°C to +40°C.
* **Protection Rating:** Usually IP65 or IP67 (dust and water-resistant).
---
### 3. Pinout and Wiring (Common Configuration)
The wiring varies depending on whether the unit is an analog load cell or a digital integrated module.
```yaml
Standard 4-Wire Configuration:
- Red: Excitation + (Power)
- Black: Excitation - (Ground)
- Green: Signal + (Data Output)
- White: Signal - (Data Output)
- Shield: Braided wire (EMI Protection)
```
---
### 4. Key Features
1. **Temperature Compensation:** Built-in resistors that compensate for the expansion/contraction of the metal body due to heat.
2. **Creep Compensation:** Electronics designed to maintain a steady reading even when a weight is left on the scale for an extended period.
3. **EMI/RFI Shielding:** The internal circuitry is shielded to prevent interference from mobile phones or industrial machinery.
---
- ⤷
What is the difference between the RS-232 and RS-485 versions of this sensor?
- ⤷ How do I calibrate the TCS-7B for a specific weight range?
- ⤷ Can this sensor be interfaced directly with an Arduino or ESP32?