Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • TCS-7F-R/K

  • AI
    The **TCS-7F-R/K** is a specific series of high-precision thermal cut-offs (TCO) or thermal fuses, typically manufactured by companies like **Uchiya**. These components are designed to protect electrical circuits from overheating by permanently opening the circuit when a specific temperature is reached. --- ### 1. Technical Specifications The "R/K" suffix often denotes specific lead wire configurations or temperature tolerances. Below are the general technical parameters for this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Function** | Thermal Cut-off (Non-resettable) | | **Rated Voltage** | 250V AC | | **Rated Current** | 7A to 10A (Depending on specific model) | | **Temperature Range** | 70°C to 150°C (Fixed set points) | | **Tolerance** | ±2°C to ±5°C | | **Housing Material** | Ceramic or Heat-resistant Resin | --- ### 2. Internal Components and Construction The TCS-7F series uses a "fusible alloy" mechanism. Here is the breakdown of its internal parts: * **Fusible Alloy Element:** The core component. It is a specialized metal alloy that melts at a very precise temperature. * **Flux Resin:** A chemical coating around the alloy that prevents oxidation and ensures a clean break when the metal melts. * **Lead Wires:** Conductive pins (usually tin-plated copper) that connect the fuse to the PCB or wire harness. * **Ceramic Case:** Provides electrical insulation and high thermal conductivity so the fuse reacts quickly to external heat. * **Epoxy Seal:** Seals the ends of the device to protect the internal components from humidity and environmental contaminants. --- ### 3. Operating Principle The TCS-7F-R/K works through a physical phase change: 1. **Normal State:** The fusible alloy is solid and connects the two lead wires, allowing current to flow. 2. **Overheat Event:** When the ambient temperature reaches the "Functioning Temperature" (Tf), the alloy melts. 3. **Circuit Interruption:** Surface tension causes the melted alloy to pull away from the leads and bead up. This creates a physical gap that current cannot cross. 4. **Finality:** Because the alloy has melted and moved, the device cannot be reset; it must be replaced. --- ### 4. Common Applications These parts are typically found in small household appliances and industrial equipment where thermal runaway is a fire hazard: * **Coffee Makers & Toasters:** To prevent heating elements from staying on indefinitely. * **Electric Motors:** To protect against stall-induced overheating. * **Battery Packs:** To prevent fire during a short circuit or overcharge. * **Transformers:** To guard against internal winding failure. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'K' designations in this model series?
    • ⤷ Can a TCS-7F-R/K be replaced with a resettable thermal switch?
    • ⤷ How do you properly solder these components without triggering the thermal fuse?